Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • LMP-R010-1.0

  • AI
    The **LMP-R010-1.0** is a specialized precision electronic component, typically categorized as a **Surface Mount (SMD) Power Shunt Resistor** or a **Current Sense Resistor**. These components are designed to measure current flow by monitoring the voltage drop across a known low-resistance element. --- ### 1. Technical Specifications Below are the primary electronic characteristics typical for this part number: | Parameter | Specification | Description | |:---|:---|:---| | **Resistance Value** | 10 mΩ (0.010 Ω) | The "R010" in the part number denotes 0.010 Ohms. | | **Power Rating** | 1.0 Watt | The "1.0" suffix indicates the maximum power dissipation. | | **Tolerance** | ±1% (Typical) | High precision for accurate current measurement. | | **Technology** | Metal Plate / Alloy | Uses a solid metal element for high stability and low noise. | | **Package Size** | SMD (e.g., 1206 or 2512) | Standard surface mount footprint for PCB assembly. | --- ### 2. Key Electronic Features * **Low Temperature Coefficient (TCR):** Designed to maintain a stable resistance value even as the component heats up during operation. * **High Pulse Capability:** The metal alloy construction allows the part to withstand short-duration high-current surges without failing. * **Low Inductance:** Essential for high-frequency switching applications (like DC-DC converters) to prevent signal distortion. --- ### 3. Functional Application In a circuit, the LMP-R010-1.0 acts as a **Current Transducer**. It follows Ohm's Law ($V = I \times R$): 1. The resistor is placed in series with the load. 2. As current ($I$) flows through the 0.010 Ω resistance, a small voltage ($V$) is generated. 3. An Integrated Circuit (Current Sense Amplifier) measures this voltage. 4. Because $R$ is constant, the system calculates the exact current flowing through the device. --- ### 4. Common Use Cases * **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in lithium batteries. * **Motor Control:** Detecting over-current conditions to protect the motor. * **Power Supplies:** Implementing feedback loops for constant current regulation. * **Automotive Electronics:** Sensing current in ECU modules or lighting systems.
    ✨ Follow-up Questions
    • ⤷ What is the significance of the Metal Plate technology compared to Thick Film resistors?
    • ⤷ How do I calculate the maximum current this resistor can handle based on its 1W rating?
    • ⤷ What are the recommended landing patterns for soldering an LMP-series resistor?