Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • LLM3225-R10J

  • AI
    The **LLM3225-R10J** is a surface-mount (SMD) wire-wound chip inductor. It is commonly used in high-frequency circuits, telecommunications, and power management modules. ### 1. Part Number Breakdown Understanding the nomenclature helps identify its physical and electrical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **LLM** | Series | Multilayer or Wire-wound high-frequency inductor series. | | **3225** | Case Size | Metric 3225 (EIA 1210). Dimensions: 3.2mm x 2.5mm. | | **R10** | Inductance | The "R" acts as a decimal point. R10 = **0.10 µH (100 nH)**. | | **J** | Tolerance | Indicates a **±5%** tolerance range. | --- ### 2. Key Technical Specifications While exact parameters can vary slightly by manufacturer (such as Taiyo Yuden or TE Connectivity), typical values for this part are: * **Inductance:** 0.10 µH (100 nH) * **Tolerance:** ±5% * **Quality Factor (Q):** Usually high (typically 20-30 min at a specific frequency). * **Self-Resonant Frequency (SRF):** High (often >400 MHz), making it suitable for RF applications. * **DC Resistance (DCR):** Low (typically < 0.50 Ω) to minimize power loss. * **Rated Current:** Usually ranges between 300mA to 600mA depending on the specific sub-series. --- ### 3. Construction and Material * **Wire-Wound Technology:** This part typically uses a ceramic or ferrite core with a copper wire wound around it. Wire-wound inductors offer much higher **Q factors** and higher current handling compared to multilayer versions. * **Encapsulation:** Often coated with a resin or molded to protect the fine wire from mechanical stress and environmental factors during the SMT (Surface Mount Technology) soldering process. --- ### 4. Common Applications 1. **RF Circuits:** Used in impedance matching and resonance circuits for mobile phones and wireless infrastructure. 2. **Filtering:** Used as a low-pass or band-pass filter element to remove high-frequency noise. 3. **Signal Processing:** Ensures signal integrity in high-speed data lines. 4. **Decoupling:** Prevents high-frequency interference from affecting sensitive power rails. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the 3225 and 2012 package sizes for this inductor?
    • ⤷ How does the 'Q factor' impact the performance of the LLM3225-R10J in RF circuits?
    • ⤷ Can this inductor be used in high-temperature automotive environments?