Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • LL431K-S08-R

  • AI
    The **LL431K-S08-R** is a precision adjustable shunt regulator. It is often referred to as a "programmable zener diode" because its output voltage can be set to any value between the reference voltage ($V_{ref}$) and its maximum rated voltage using two external resistors. ### 1. Key Technical Specifications The table below summarizes the core electrical characteristics of the LL431K-S08-R: | Parameter | Specification | | :--- | :--- | | **Output Voltage ($V_{out}$)** | $V_{ref}$ to 36V | | **Reference Voltage ($V_{ref}$)** | 2.495V (Typical) | | **Reference Accuracy** | ±0.5% (for 'K' Grade) | | **Sink Current Capacity** | 1.0mA to 100mA | | **Output Impedance** | 0.2 $\Omega$ (Typical) | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | SOP-8 | --- ### 2. Part Number Breakdown Understanding the suffix codes helps identify the specific variant: * **LL431**: Base model (comparable to TL431). * **K**: Accuracy grade (±0.5% tolerance on reference voltage). * **S08**: Package style (SOP-8 / Small Outline Package). * **R**: Tape & Reel packaging for automated assembly. --- ### 3. Pin Configuration (SOP-8) In an SOP-8 package, several pins are often redundant (internally connected) to assist with thermal dissipation or standard PCB layouts. | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | **Cathode** | The "positive" terminal of the shunt | | 8 | **Anode** | The "negative" terminal (usually Ground) | | 5 | **Ref** | The input terminal for the voltage divider | | 2, 3, 4, 6, 7 | **NC / Connection** | Often used for heat sinking or NC (No Connection) | --- ### 4. Common Applications The LL431K is highly versatile in power management circuits: 1. **Switching Power Supplies (SMPS):** Used in the feedback loop (often paired with an optocoupler) to regulate the output voltage. 2. **Voltage Monitoring:** Acts as a precise comparator for over-voltage or under-voltage detection. 3. **Constant Current Source:** By maintaining a constant 2.5V across a resistor, it can be configured to sink a steady current. 4. **Zener Replacement:** Replaces standard Zener diodes when high precision or custom voltages are required. --- ### 5. Internal Circuit Logic The device functions using an internal operational amplifier and a high-current transistor. ```text If V(Ref) > 2.5V => Transistor conducts more (Cathode voltage drops) If V(Ref) < 2.5V => Transistor conducts less (Cathode voltage rises) ``` This feedback mechanism allows for extremely stable voltage regulation.
    ✨ Follow-up Questions
    • ⤷ How do you calculate the resistor values for a specific output voltage?
    • ⤷ What is the difference between the LL431 and the TL431?
    • ⤷ How does the 'K' tolerance grade impact high-precision circuits?