Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • LDS0705-331M-R

  • AI
    ### Technical Overview: LDS0705-331M-R The **LDS0705-331M-R** is a high-performance, surface-mount (SMD) power inductor. It is designed for applications requiring efficient energy storage and filtering in space-constrained electronic circuits. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's characteristics: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **LDS** | Series Name | Low Profile Shielded Inductor | | **0705** | Dimensions | Approx. 7.0mm x 7.0mm x 5.0mm | | **331** | Inductance Value | 330 $\mu$H (33 + one zero) | | **M** | Tolerance | $\pm$20% | | **R** | Packaging/RoHS | Tape & Reel / RoHS Compliant | --- ### 2. Key Electrical Specifications The performance of this inductor is defined by its ability to handle current and resist energy loss. * **Inductance:** 330 $\mu$H * **DC Resistance (DCR):** Usually measured in Ohms ($\Omega$); lower values indicate higher efficiency. * **Rated Current ($I_{sat}$):** The current at which the inductance drops by a specific percentage (usually 10-30%). * **Temperature Rise Current ($I_{rms}$):** The continuous current that causes a specific temperature increase (typically 40°C). * **Shielding:** Magnetically shielded construction to minimize Electromagnetic Interference (EMI). --- ### 3. Physical Construction The device typically consists of the following elements: 1. **Ferrite Core:** Provides the magnetic path for the flux. 2. **Copper Wire:** Wound around the core; the thickness determines the current capacity. 3. **Magnetic Shield:** An outer layer of ferrite powder or epoxy that traps magnetic fields inside the component, preventing interference with nearby sensitive components. 4. **Terminations:** Tin-plated pads for SMD soldering. --- ### 4. Common Applications The LDS0705-331M-R is frequently used in power management stages: * **DC-DC Converters:** Buck, Boost, and SEPIC converters. * **Filtering:** Reducing noise in power supply lines. * **Consumer Electronics:** Laptops, LED drivers, and portable medical devices. * **Industrial:** Powering sensors and microcontrollers where EMI suppression is critical. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the LDS0705 series?
    • ⤷ How does the shielding in this inductor compare to unshielded types?
    • ⤷ Are there specific footprint recommendations for PCB layout for this part?