Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • LCMXO2-256UHC3BG256CTRES

  • AI
    The **LCMXO2-256UHC3BG256CTRES** is a high-performance, low-power Field Programmable Gate Array (FPGA) from the **MachXO2** family, manufactured by Lattice Semiconductor. This specific part is often used for system control, interface bridging, and power management applications. ### Part Number Breakdown The nomenclature provides specific details about the chip's architecture and capabilities: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **LCMXO2** | Product Family | MachXO2 (Bridging & Control FPGA) | | **256** | Density | 256 Look-Up Tables (LUTs) | | **UHC** | Feature Set | Ultra High Performance / Low Power (1.2V Core) | | **3** | Speed Grade | Grade 3 (Faster performance) | | **BG256** | Package Type | 256-ball caBGA (Ball Grid Array) | | **C** | Temp Grade | Commercial (0°C to +85°C) | | **TRES** | Special Code | Tape & Reel Packaging (or specific Customer/Silicon Revision) | --- ### Key Technical Specifications #### 1. Logic Architecture * **LUTs:** 256 Look-Up Tables. These are the fundamental building blocks used to create logic gates (AND, OR, XOR, etc.). * **User I/O:** Supports up to 206 programmable Input/Output pins. * **Embedded Flash:** Includes on-chip non-volatile memory, allowing the FPGA to be "instant-on" without needing an external boot PROM. #### 2. Electrical Characteristics * **Core Voltage ($V_{CC}$):** 1.2V. This indicates the "UHC" (Ultra High Performance) variant which focuses on low power consumption. * **I/O Standards:** Supports multiple signaling standards including LVCMOS (3.3V, 2.5V, 1.8V, 1.2V), LVDS, and differential SSTL. #### 3. Hardware Features * **Hardened IP:** Includes built-in "Hard" I2C, SPI, and Timer/Counter blocks. This saves logic cells because you don't have to build these functions out of the 256 LUTs. * **PLLs:** Contains Phase-Locked Loops for clock frequency synthesis and phase adjustment. --- ### Common Applications Due to its small logic density and high I/O count, this part is typically used for: 1. **Level Shifting:** Translating signals between different voltage domains (e.g., 1.2V CPU to 3.3V sensor). 2. **I/O Expansion:** Adding more GPIOs to a microcontroller that has run out of pins. 3. **Interface Bridging:** Converting SPI to I2C or managing custom bus protocols. 4. **Power Sequencing:** Controlling the "Power On" sequence of complex multi-rail PCB designs. --- ### Programming Example The MachXO2 series is programmed using **Lattice Diamond** software. Below is a simple VHDL snippet representing a basic 2-input AND gate that could be implemented in this FPGA: ```vhdl library IEEE; use IEEE.STD_LOGIC_1164.ALL; entity simple_gate is Port ( A : in STD_LOGIC; B : in STD_LOGIC; Y : out STD_LOGIC); end simple_gate; architecture Behavioral of simple_gate is begin Y <= A and B; -- Basic logic operation using 1 LUT end Behavioral; ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the MachXO2 and MachXO3 families?
    • ⤷ How do I calculate the power consumption for the 1.2V core?
    • ⤷ Which hardware tools are needed to program the BG256 package?