AI

The **LCANMOB1002-RSP** is a high-performance, compact omnidirectional mobile antenna designed specifically for multi-band applications, often used in public safety, fleet management, and industrial IoT. It is characterized by its "puck" or "bolt-mount" form factor.
---
### 1. Key Technical Specifications
The electrical performance is defined by its ability to handle multiple frequency ranges with low signal loss.
| Feature | Specification |
| :--- | :--- |
| **Frequency Range** | 698 MHz - 2700 MHz |
| **Gain** | 3 dBi to 5 dBi (frequency dependent) |
| **VSWR** | ≤ 2.0:1 |
| **Input Impedance** | 50 Ohms |
| **Polarization** | Vertical |
| **Max Input Power** | 50 Watts |
---
### 2. Internal Electronic Components
The device is more than just a piece of metal; it contains specific RF components to ensure signal integrity:
* **Radiating Element:** A wideband PCB (Printed Circuit Board) or stamped metal element designed to resonate across LTE, 4G, and lower 5G bands.
* **Matching Network:** Internal passive components (capacitors/inductors) that tune the antenna to a 50-Ohm impedance, reducing reflected power (VSWR).
* **Ground Plane Requirement:** This antenna is typically "ground plane dependent," meaning it uses the metal surface of the vehicle or enclosure it is mounted on as the second half of the antenna system to achieve its rated gain.
* **Integrated Cable:** Usually features a low-loss RG174 or equivalent coaxial cable.
---
### 3. Physical & Connection Interface
The "RSP" suffix in the part number typically refers to the specific connector type integrated into the assembly.
* **Connector Type:** **RP-SMA Plug** (Reverse Polarity SMA). This is common in WiFi and specialized radio equipment to prevent the connection of standard high-power antennas to consumer-grade gear.
* **Mounting:** Permanent "Through-hole" mount. It uses a threaded bolt and nut system to create a weatherproof seal on the mounting surface.
* **Radome Material:** High-impact, UV-resistant ABS or Polycarbonate to protect the internal electronics from environmental degradation.
---
### 4. Applications
The electronic design of the LCANMOB1002-RSP makes it suitable for:
1. **M2M (Machine to Machine):** Remote monitoring stations.
2. **Vehicular Cellular:** Enhancing 4G/LTE reception for ambulances, police cars, or transit buses.
3. **IoT Gateways:** Connecting industrial routers to cellular networks in harsh environments.
- ⤷
What is the difference between an RP-SMA and a standard SMA connector in this context?
- ⤷ Does this antenna require a specific metal surface size to function optimally?
- ⤷ Can this antenna support 5G Sub-6GHz frequencies?