Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • LC2-15A-R/E

  • AI
    The **LC2-15A-R/E** is a specific model of an **AC Solenoid**, typically categorized under electromagnetic components used for linear motion. These parts are commonly used in automated machinery, vending machines, and industrial controls. Below is a detailed breakdown of its electronic and mechanical parts. --- ### 1. Technical Specifications This component is designed to convert electrical energy into mechanical pulling or pushing force. | Parameter | Description | | :--- | :--- | | **Type** | AC Solenoid (Laminated Type) | | **Voltage Rating** | Typically 110V AC or 220V AC (Standard for LC2 series) | | **Stroke Range** | Up to 15mm | | **Force/Load** | Approximately 1.0kg to 1.5kg (depending on stroke) | | **Duty Cycle** | Intermittent or Continuous (Model specific) | --- ### 2. Core Electronic & Mechanical Components #### A. Electromagnetic Coil (The "Heart") * **Material:** Comprised of high-purity enameled copper wire. * **Function:** When AC current flows through the coil, it generates a magnetic field. * **Insulation:** Usually Class A or Class B insulation to withstand the heat generated during prolonged activation. #### B. Laminated Silicon Steel Core (Stator) * **Structure:** Unlike DC solenoids, AC solenoids like the LC2 series use **laminated steel sheets** stacked together. * **Purpose:** Laminations reduce "Eddy Current" losses and prevent the core from overheating due to the rapidly changing magnetic field of Alternating Current. #### C. Plunger (Movable Armature) * **Material:** Ferromagnetic material designed to be pulled into the center of the coil. * **Attachment:** Features a hole or "eye" at the end to connect to the mechanical linkage (valves, levers, or locks). #### D. Shading Coil (Crucial for AC) * **Location:** Embedded in the face of the stationary core. * **Function:** This is a small copper ring that creates a secondary, out-of-phase magnetic field. It prevents the solenoid from "chattering" or vibrating at 50/60Hz by ensuring there is always some magnetic pull even when the AC sine wave crosses zero. --- ### 3. Connection and Installation * **Lead Wires:** Typically features two high-temperature resistant lead wires for power input. * **Mounting Frame:** A rigid metal frame (usually u-shaped) with pre-drilled holes for secure attachment to the chassis of the machine. ### 4. Typical Applications * **Industrial Automation:** Operating clutches or brakes. * **Packaging Machinery:** Sorting arms or gate releases. * **HVAC:** Controlling dampers or large valves. --- ### 5. Safety & Maintenance Note * **Inrush Current:** AC solenoids have a much higher current draw ("Inrush") before the plunger is fully seated. If the plunger gets stuck halfway, the coil will likely burn out due to excessive heat. * **Heat Dissipation:** Ensure adequate airflow around the unit during operation.
    ✨ Follow-up Questions
    • ⤷ What is the difference in power consumption between the LC2-15A-R and the E variant?
    • ⤷ How do I calculate the maximum load this solenoid can pull at a 10mm stroke?
    • ⤷ What are the common failure modes for AC laminated solenoids?