Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • LA5524M

  • AI
    ## Overview of the LA5524M The **LA5524M** is a monolithic linear integrated circuit designed primarily for **low-voltage DC motor speed control**. It is commonly utilized in portable audio equipment, such as radio-cassette recorders and micro-cassette players, where maintaining a constant motor speed despite battery voltage fluctuations is critical. --- ### Technical Specifications The following table summarizes the key electrical characteristics of the LA5524M: | Parameter | Symbol | Typical Value | Unit | | :--- | :--- | :--- | :--- | | **Operating Voltage Range** | $V_{CC}$ | 1.8 to 8.0 | V | | **Reference Voltage** | $V_{ref}$ | 1.2 | V | | **Quiescent Current** | $I_d$ | 1.0 | mA | | **Maximum Output Current** | $I_o$ | 500 | mA | | **Package Type** | MFP8 | 8-pin Surface Mount | - | --- ### Internal Structure and Functional Blocks The device integrates several electronic components into a single silicon chip to perform speed regulation: 1. **Reference Voltage Generator:** Provides a stable 1.2V internal reference that remains constant even as the battery discharges. 2. **Error Amplifier:** Compares the feedback voltage from the motor with the internal reference to adjust power delivery. 3. **Current Proportioning Circuit:** This is the "speed control" core. It detects the motor current and adjusts the output voltage to compensate for the motor's internal resistance ($R_a$). 4. **Power Transistor:** An internal pass transistor capable of driving up to 500mA directly to the motor. --- ### Pin Configuration (MFP8 Package) The LA5524M typically follows this pinout structure: | Pin No. | Name | Description | | :--- | :--- | :--- | | 1 | **Vref** | Reference voltage terminal for speed adjustment. | | 2 | **Control** | Input for speed control feedback. | | 3 | **GND** | Common ground. | | 4 | **Vout** | Output terminal connected to the motor. | | 5 | **Vcc** | Power supply input. | | 6 | **Comp** | Phase compensation terminal to prevent oscillation. | | 7 | **Adj** | Terminal for external resistor to set the reference current. | | 8 | **NC** | No internal connection. | --- ### Key Features and Electronic Advantages * **Low Saturation Voltage:** Allows the motor to operate effectively even when the battery is nearly depleted (low dropout characteristic). * **Wide Operating Voltage:** Works with 2-cell to 4-cell battery configurations (approx. 3V to 6V). * **External Adjustability:** The speed can be finely tuned using an external variable resistor (potentiometer) connected to the reference pins. * **Built-in Current Limiter:** Protects the IC and the motor from damage during a stall condition. --- ### Basic Application Circuit To use the LA5524M, you generally need a few external resistors and capacitors. The following pseudocode-style representation illustrates how the speed constants are determined: ```text R_t = (R_a * K) / (R_s) Where: - R_t: External timing resistor - R_a: Internal resistance of the motor - K: Coefficient of the IC - R_s: Shunt resistor for current sensing ```
    ✨ Follow-up Questions
    • ⤷What is the difference between the LA5524 and the LA5524M?
    • ⤷ How do you calculate the value of the external resistors for a specific motor RPM?
    • ⤷ Can the LA5524M be used for PWM motor control?