Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • L816PW-R39MF

  • AI
    ## Analysis of the L816PW-R39MF Electronic Component The **L816PW-R39MF** is a specialized surface-mount (SMD) power inductor, commonly used in high-frequency DC-DC converters and power management modules. It belongs to a category of high-current, low-profile molded inductors. --- ### 1. Part Number Breakdown While specific manufacturer prefixes can vary (often associated with brands like **Mag.Layers** or **Chilisin**), the nomenclature generally follows this industry standard: | Segment | Meaning | Description | | :--- | :--- | :--- | | **L816** | Series/Size | Refers to the physical footprint (approx. 8.0 x 8.0 mm). | | **PW** | Construction | Power Wire/Molded type, typically utilizing a metal alloy powder. | | **R39** | Inductance Value | **0.39 µH** (R denotes the decimal point). | | **M** | Tolerance | **±20%** (Industry standard for power inductors). | | **F** | Lead-Free | Indicates RoHS compliance. | --- ### 2. Key Technical Specifications These parameters are typical for the 0.39µH variant in the 8080 size package: | Parameter | Typical Value | | :--- | :--- | | **Inductance** | 0.39 µH | | **DC Resistance (DCR)** | ~1.5 mΩ to 2.5 mΩ (Max) | | **Saturation Current (Isat)** | 25A - 35A (depending on temp rise) | | **Heat Rating Current (Irms)** | 18A - 24A | | **Operating Temperature** | -40°C to +125°C | | **Construction** | Shielded, Magnetic Metal Powder | --- ### 3. Core Features * **Molded Structure:** The coil is encapsulated in a metal alloy powder. This design provides excellent magnetic shielding, reducing Electromagnetic Interference (EMI). * **High Saturation:** Unlike ferrite core inductors, these molded types have a "soft" saturation characteristic, meaning the inductance drops gradually rather than sharply when current increases. * **Low DCR:** Large cross-section wire is used to minimize power loss and heat generation. * **High Frequency:** Optimized for switching frequencies ranging from 500kHz to over 2MHz. --- ### 4. Common Applications Due to its high current handling and small footprint, the L816PW-R39MF is found in: 1. **Voltage Regulator Modules (VRM):** For CPU and GPU power supplies. 2. **Point of Load (POL) Converters:** Distributed power systems in servers. 3. **Battery Powered Devices:** High-efficiency tablets or laptops. 4. **Automotive Electronics:** Infotainment and ADAS sensors (if AEC-Q200 qualified). ---
    ✨ Follow-up Questions
    • ⤷ What is the exact physical height (thickness) of the L816PW series?
    • ⤷ How does the 'soft saturation' of this metal alloy inductor compare to traditional ferrite cores?
    • ⤷ Can you provide a cross-reference for a compatible part from Bourns or Vishay?