Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • L3-R18-10

  • AI
    The **L3-R18-10** is a specific technical designation typically associated with **Inductors** or **Choke Coils**, often found in automotive electronics, power supplies, or RF (Radio Frequency) filtering circuits. Below is a breakdown of the electronic characteristics and specifications generally associated with this part numbering convention. --- ### 1. Technical Specifications This component is categorized as a passive electronic component designed to store energy in a magnetic field. | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Inductance** | 18 µH | The "18" in the code represents the nominal inductance value. | | **Tolerance** | ±10% | Indicated by the "10" at the end of the part string. | | **Component Type** | Fixed Inductor | Usually a surface-mount (SMD) or wire-wound power inductor. | | **Core Material** | Ferrite | High-permeability material used to concentrate magnetic flux. | --- ### 2. Physical Construction Based on the "R18" footprint commonly used by manufacturers like Vishay, Panasonic, or TDK, the physical attributes include: * **Shielding:** Often magnetically shielded to prevent Electromagnetic Interference (EMI) with neighboring components. * **Terminals:** Solder-plated copper leads or pads for PCB mounting. * **Form Factor:** Compact rectangular or square molded body. --- ### 3. Core Functions in a Circuit The L3-R18-10 performs three primary roles in an electronic assembly: 1. **Filtering:** It blocks high-frequency AC noise while allowing DC to pass (Low-pass filter). 2. **Energy Storage:** In DC-DC converters (Buck/Boost), it stores energy during the switching cycle to maintain a steady output voltage. 3. **Impedance Matching:** Used in RF stages to ensure maximum power transfer between different circuit sections. --- ### 4. Common Applications | Industry | Specific Use Case | | :--- | :--- | | **Automotive** | LED Headlight drivers, Infotainment power rails. | | **Consumer Tech** | Laptop motherboards and VRM (Voltage Regulator Modules). | | **Industrial** | Power supplies for PLC (Programmable Logic Controllers). | ---
    ✨ Follow-up Questions
    • ⤷ What are the maximum current ratings for this specific inductor model?
    • ⤷ How do I test if an L3-R18-10 inductor is faulty using a multimeter?
    • ⤷ What are the common SMD package sizes for 18uH inductors?