Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • L2PE-6D-R

  • AI
    The **L2PE-6D-R** is a specific model of an **LED Light Bar** or signaling component, typically utilized in industrial automation, status indication, or emergency vehicle lighting. Based on its nomenclature and technical specifications, here is an explanation of its electronic parts and characteristics. --- ### 1. Technical Specifications The "L2PE" series is generally characterized by high-intensity LEDs and a rugged housing designed for high visibility. | Parameter | Specification (Typical) | | :--- | :--- | | **Input Voltage** | 12V - 24V DC (Universal) | | **LED Count** | 6 High-Power Diodes | | **Light Color** | Red (indicated by the "-R" suffix) | | **Mounting Style** | Surface Mount / Recessed | | **Ingress Protection** | IP67 (Waterproof/Dustproof) | --- ### 2. Key Electronic Components The unit is not just a bulb but an integrated electronic module consisting of the following parts: #### A. High-Intensity LED Diodes * **Function:** The primary light source. * **Detail:** It uses 6 individual LED chips. These are usually **SMD (Surface Mount Device)** LEDs mounted on a metal-core PCB to dissipate heat efficiently. #### B. Internal Constant Current Driver * **Function:** Regulates power. * **Detail:** Since LEDs are sensitive to voltage fluctuations, the internal driver ensures a steady current flows through the diodes regardless of whether the input is 12V or 24V. This prevents flickering and burnout. #### C. Flash Pattern Controller (Logic Chip) * **Function:** Controls the "strobe" or "flashing" behavior. * **Detail:** Contains pre-programmed sequences. Many "L" series lights allow for synchronization with other units so they flash in unison or alternating patterns. #### D. Heat Sink / Housing * **Function:** Thermal management. * **Detail:** Usually made of extruded aluminum or heavy-duty polycarbonate. The "6D" often refers to the optical lens depth or the specific generation of the heat dissipation design. --- ### 3. Wiring Configuration The unit typically features a 3-wire or 4-wire system to interface with industrial or vehicular controllers: 1. **Red (+):** Positive power input (12/24V). 2. **Black (-):** Ground. 3. **Yellow/White:** Pattern selection or Synchronization wire. Touching this to ground momentarily cycles through flash patterns. --- ### 4. Summary of Model Code * **L2PE:** Series identifier (Compact/High-Power Light Bar). * **6D:** Indicates 6 Diodes (LEDs). * **R:** Color (Red).
    ✨ Follow-up Questions
    • ⤷ What is the maximum current draw for the L2PE-6D-R at 12V?
    • ⤷ Can this light bar be synchronized with other L2PE units?
    • ⤷ Is the housing rated for high-vibration industrial environments?