L2-R82-10
AI

Based on industrial specifications, the **L2-R82-10** typically refers to a high-precision **Current Sensing Resistor** (Shunt Resistor). These components are critical in power management circuits for monitoring current flow by measuring the voltage drop across a known resistance.
---
## 1. Technical Specifications
The part number follows a standard nomenclature for electronic components. Here is the breakdown of the technical attributes:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Resistance Value** | 0.82 $\Omega$ (820 m$\Omega$) | Indicated by "R82" |
| **Tolerance** | $\pm 10\%$ | Indicated by the suffix "-10" |
| **Component Type** | Current Sense Resistor | Fixed resistor for power applications |
| **Mounting Type** | Surface Mount (SMD) | Designed for PCB automation |
---
## 2. Key Electronic Functions
The L2-R82-10 serves three primary roles within a circuit:
### A. Current-to-Voltage Conversion
By applying Ohm’s Law ($V = I \times R$), a micro-controller or power management IC (PMIC) can measure the small voltage across this resistor to calculate the exact current passing through the circuit.
### B. Overcurrent Protection
In battery management systems (BMS), if the voltage across the R82 resistor exceeds a predefined threshold, the system triggers a shutdown to prevent damage from short circuits.
### C. Feedback Loops
Used in DC-DC converters to maintain constant current output by providing real-time feedback to the regulator.
---
## 3. Physical Characteristics & Considerations
When working with these parts, pay attention to the following electrical behaviors:
* **Power Rating:** Usually rated between 0.5W to 2W. Exceeding this will cause the component to fail or drift in resistance.
* **Temperature Coefficient (TCR):** These resistors are designed to have low TCR, meaning their resistance value stays stable even as they heat up during operation.
* **Kelvin Connection:** High-precision versions often utilize a 4-terminal layout to remove the resistance of the solder joints from the measurement.
---
## 4. Typical Applications
* **Battery Chargers:** Monitoring charging current.
* **Motor Controllers:** Detecting load spikes in small DC motors.
* **LED Drivers:** Ensuring constant current to prevent LED burnout.
* **Laptop Power Bricks:** Input power monitoring.
- ⤷
What is the maximum power rating for the L2-R82-10 in a standard SMD package?
- ⤷ How do I calculate the voltage drop across this resistor if the current is 500mA?
- ⤷ Can a 5% tolerance resistor be used as a direct replacement for this 10% model?