Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • L2-R18

  • AI
    The **L2-R18** generally refers to a specific series of **LED Driver modules** (often categorized under the R18 nomenclature in industrial lighting) or specific **Low-Voltage Industrial Connectors**. However, in the context of general electronics components, it is most commonly associated with **18W High-Efficiency LED Drivers**. Below is a breakdown of the electronic components and technical specifications associated with this hardware. --- ### 1. Key Technical Specifications Most L2-R18 units are designed to convert AC mains power into a stable DC current for LED arrays. | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage** | AC 85V – 265V (Universal) | | **Output Wattage** | 18 Watts | | **Output Current** | 280mA - 300mA (Constant Current) | | **Output Voltage Range** | DC 54V – 65V | | **Power Factor (PF)** | >0.5 to 0.9 (model dependent) | | **Efficiency** | >85% | --- ### 2. Core Electronic Components An L2-R18 driver consists of several critical stages to ensure safety and longevity: #### A. Input Protection Stage * **MOV (Metal Oxide Varistor):** Protects the circuit from high-voltage surges or lightning strikes. * **Fuse:** A safety component that breaks the circuit if current exceeds the limit. * **Bridge Rectifier:** Converts the incoming AC (Alternating Current) to DC (Direct Current). #### B. Power Conversion & Regulation * **PWM IC (Pulse Width Modulation):** The "brain" of the driver. It controls the switching frequency to maintain a constant output. * **Transformer (High Frequency):** Provides galvanic isolation between the high-voltage input and the low-voltage output for safety. * **Electrolytic Capacitors:** These are "High-Temp" (usually 105°C) rated components that smooth out voltage ripples. #### C. Output Stage * **Schottky Diode:** Rectifies the high-frequency AC from the transformer back into stable DC. * **Output Filter Inductor:** Reduces electromagnetic interference (EMI) and stabilizes the current. --- ### 3. Safety and Environmental Features Modern L2-R18 modules are built with the following protections integrated into the PCB: 1. **Open Circuit Protection:** If the LED strip is disconnected, the driver drops the voltage to zero to prevent damage. 2. **Short Circuit Protection:** Automatically shuts down if a short is detected in the load. 3. **Thermal Protection:** Reduces power output if the internal temperature exceeds safe operating limits (usually around 80°C). --- ### 4. Connection Interface Usually, the L2-R18 uses a standard color-coded wiring system: * **Input (AC):** Brown (Live) and Blue (Neutral). * **Output (DC):** Red (Positive +) and Black (Negative -) or a specialized **SM-2P Female connector**.
    ✨ Follow-up Questions
    • ⤷ What are the differences between constant current and constant voltage drivers?
    • ⤷ How do I troubleshoot an L2-R18 driver that is flickering?
    • ⤷ Can the L2-R18 be used with a dimmer switch?