L17T175
AI

The **L17T175** is a high-performance **TVS (Transient Voltage Suppressor) Diode Array** (often referred to as a Transil array) manufactured by STMicroelectronics. It is specifically designed for high-speed data line protection and lightning surge protection in telecommunication equipment.
---
## 1. Technical Specifications
Below are the primary electrical characteristics of the L17T175:
| Parameter | Description | Typical Value |
| :--- | :--- | :--- |
| **Peak Pulse Current ($I_{pp}$)** | Maximum surge current (10/1000 µs) | 45 A |
| **Stand-off Voltage ($V_{rm}$)** | Maximum operating voltage | 175 V |
| **Clamping Voltage ($V_{cl}$)** | Voltage during a surge | ~255 V |
| **Configuration** | Number of protected lines | 1 (Bidirectional) |
| **Package Type** | Physical Housing | SMB / DO-214AA |
| **Capacitance** | Parasitic capacitance at 0V | ~100 pF |
---
## 2. Key Features and Functions
The L17T175 is engineered to act as a "clamping" device. Its primary roles include:
### A. Transient Protection
It protects sensitive semiconductors from overvoltage transients caused by:
* **Lightning strikes** on telecommunication lines.
* **Inductive load switching** (spikes from motors or relays).
* **Electrostatic Discharge (ESD)**.
### B. Bidirectional Protection
Because it is a bidirectional device, it can protect lines where the signal swings both above and below ground, making it ideal for AC-coupled lines or differential pairs.
### C. Fast Response Time
Like most TVS diodes, the L17T175 reacts almost instantaneously (nanosecond range) to a voltage spike, shunting the excess current to the ground before it reaches the protected IC.
---
## 3. Common Applications
Due to its high stand-off voltage (175V), this part is commonly found in:
1. **SLIC (Subscriber Line Interface Circuits):** Protecting telephone exchange equipment.
2. **Modems and Fax Machines:** Safeguarding the interface connected to the external phone line.
3. **Industrial Controls:** Protecting long-distance communication buses (like RS-485) that might be exposed to outdoor surges.
---
## 4. Basic Circuit Implementation
In a typical circuit, the L17T175 is placed in parallel with the line it is protecting.
```text
Line In (High Voltage Spike) ----+-----------> To Sensitive IC
|
[ ] L17T175
[ ] (TVS Diode)
|
Ground --------------------------+-----------> Ground
```
- ⤷
How does the L17T175 compare to a MOV (Metal Oxide Varistor) in terms of response time?
- ⤷ What are the recommended PCB layout practices for TVS diodes like the L17T175?
- ⤷ Can the L17T175 be used in POE (Power over Ethernet) protection circuits?