KWMS-5Z-R
AI

The **KWMS-5Z-R** is a specific electronic component, typically identified as a **Micro Limit Switch** or **Snap Action Switch**. These components are widely used in industrial control, automotive electronics, and household appliances to detect physical presence or limit of travel.
---
## 1. Technical Specifications
The following table outlines the typical electrical and mechanical characteristics of the KWMS-5Z-R series:
| Parameter | Specification |
| :--- | :--- |
| **Switch Type** | Micro Switch / Snap Action |
| **Actuator Type** | Simulated Roller Lever (usually) |
| **Current Rating** | 5A (Typical) |
| **Voltage Rating** | 125V / 250V AC |
| **Contact Configuration** | SPDT (Single Pole Double Throw) |
| **Terminal Type** | Solder Terminals / Quick Connect |
| **Operating Force** | ~0.5N to 1.5N (Model dependent) |
---
## 2. Internal Electronic Structure
The "5Z" in the part number often refers to the contact arrangement and current capacity. Internally, the device consists of three primary terminals:
1. **COM (Common):** The input terminal where power enters.
2. **NC (Normally Closed):** The circuit is complete when the lever is at rest.
3. **NO (Normally Open):** The circuit completes only when the lever is depressed.
### Circuit Logic
```mermaid
graph LR
A[COM] -- Default --o B(NC)
A[COM] -- Pressed --o C(NO)
```
---
## 3. Key Features
* **Snap Action Mechanism:** Uses a spring-loaded mechanism to ensure rapid contact transfer, minimizing electrical arcing and increasing component lifespan.
* **High Reliability:** Designed for millions of mechanical cycles.
* **Compact Form Factor:** Small footprint allows for integration into tight spaces like door latches, 3D printer end-stops, or CNC machines.
---
## 4. Common Applications
* **Safety Interlocks:** Ensuring a microwave door or industrial machine guard is closed before operation.
* **End-Stop Detection:** Used in 3D printers and CNC routers to define the "Home" position of an axis.
* **Level Sensing:** Attached to floats to detect liquid levels in tanks.
* **Control Panels:** Used as a tactile feedback button in heavy-duty interfaces.
- ⤷
What is the difference between the KWMS-5Z-R and a standard tactile switch?
- ⤷ How do I wire this switch for a 'Normally Open' configuration?
- ⤷ What is the maximum mechanical life expectancy of this specific switch series?