Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • KWDY-4G-R

  • AI
    The **KWDY-4G-R** is a specialized cellular control module, commonly used in industrial automation, remote monitoring, and smart gate systems. It leverages 4G LTE technology to provide wireless connectivity for controlling relays and monitoring sensor inputs. --- ### 1. Key Technical Specifications The following table summarizes the primary electronic characteristics of the KWDY-4G-R: | Component | Specification | Description | | :--- | :--- | :--- | | **Connectivity** | 4G LTE / 2G GSM | Supports global/regional cellular bands for remote access. | | **Operating Voltage** | 9V - 24V DC | Standard industrial power supply range. | | **Output Relays** | 2 to 4 Relays | Typically rated at 10A/250VAC or 10A/30VDC. | | **Input Ports** | Digital Inputs | Used for alarm triggers, door sensors, or limit switches. | | **SIM Interface** | Standard/Micro SIM | Requires a cellular data/SMS plan. | | **Antenna** | SMA Female Connector | Allows for external high-gain antenna attachment. | --- ### 2. Core Electronic Components #### A. Cellular Modem The heart of the device is an integrated 4G module (often Quectel or SimCom series). This component handles all SMS, Voice, and Data communications. It interprets incoming commands and converts them into logic signals for the microcontroller. #### B. Microcontroller (MCU) The MCU acts as the "brain." It processes the logic rules programmed by the user (e.g., "If Input 1 is HIGH, send an SMS and trigger Relay 1"). It stores authorized phone numbers in its non-volatile memory. #### C. Relay Isolation To protect the sensitive logic circuits, the device uses **optocouplers** or mechanical isolation. This ensures that high-voltage loads (like a water pump or gate motor) do not damage the internal 4G circuitry in the event of a surge. #### D. Power Management The board includes a buck-boost converter or a voltage regulator to stabilize the incoming 9V-24V power down to the 3.3V or 5V required by the MCU and 4G modem. --- ### 3. Wiring Configuration Example Below is a conceptual representation of how the terminals are typically wired: ```text [ POWER ] ---- (+) 12V DC ---- (-) GND [ INPUT ] ---- (DI1) Digital Input (e.g., Smoke Detector) ---- (COM) Common Ground [ RELAY ] ---- (NO) Normally Open ---- (COM) Common Line -> To Load (Light/Gate) ``` --- ### 4. Common Applications * **Remote Gate Access:** Opening gates via a phone call (Caller ID recognition). * **Industrial Reset:** Remotely rebooting servers or routers by toggling power. * **Alarm Notification:** Sending an SMS alert when a security sensor is tripped. * **Environmental Monitoring:** Monitoring power failures or water levels.
    ✨ Follow-up Questions
    • ⤷ How do I configure the authorized phone numbers for the KWDY-4G-R?
    • ⤷ Does this device support a mobile app or is it controlled strictly via SMS?
    • ⤷ What is the maximum current rating for the relay outputs?