Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • KUS-G3-R

  • AI
    The **KUS-G3-R** is an advanced electronic component primarily utilized as a **Multi-GNSS (Global Navigation Satellite System) Timing Module**. It is designed by Furuno and is highly regarded in the electronics industry for its high-precision synchronization capabilities, particularly for 5G telecommunications, power grids, and financial trading systems. --- ## Technical Specifications The electronic architecture of the G3-R is centered around its ability to process signals from multiple satellite constellations simultaneously. | Feature | Specification | | :--- | :--- | | **Supported Constellations** | GPS, GLONASS, Galileo, QZSS | | **Output Frequency** | 1PPS (Pulse Per Second) and 10MHz | | **Holdover Stability** | < 1.5μs over 24 hours (temperature-compensated) | | **Supply Voltage** | 3.3V DC | | **Communication Interface** | UART, USB | | **Operating Temperature** | -40°C to +85°C | --- ## Key Electronic Sub-systems ### 1. Multi-GNSS Receiver Engine The core electronic part is the receiver chip, which provides **concurrent reception**. By receiving signals from multiple satellite systems at once, the G3-R minimizes the impact of "urban canyons" or signal blockages, ensuring the internal clock remains locked. ### 2. TCXO / OCXO Integration To maintain high precision even when the satellite signal is lost (a state known as **Holdover**), the module utilizes high-stability oscillators: * **TCXO:** Temperature-Compensated Crystal Oscillator for standard stability. * **Clock Management:** Integrated circuitry that steers the local oscillator to match the atomic-clock precision of the GNSS satellites. ### 3. Anti-Jamming & Anti-Spoofing Electronics The G3-R includes specialized circuitry to detect and mitigate: * **Jamming:** Intentional interference intended to drown out GNSS signals. * **Spoofing:** Fake signals intended to provide false time or location data. ### 4. Interface and Connectivity The module typically features a multi-pin surface mount design (SMT) with the following electronic I/O: * **RF Input:** Connection for the external GNSS antenna (usually active, requiring a DC feed). * **Timepulse Output:** Highly accurate CMOS-level pulse for external system triggering. * **Serial Ports:** For NMEA data output and proprietary binary commands. --- ## Common Applications Due to its electronic precision, the KUS-G3-R is found in: 1. **5G Base Stations:** For microsecond-level synchronization between cells. 2. **Smart Grids:** To monitor phase angles across large power distribution networks. 3. **Broadcasting:** Synchronizing digital radio and television transmitters.
    ✨ Follow-up Questions
    • ⤷ How does the KUS-G3-R handle signal loss compared to standard GPS modules?
    • ⤷ What are the power consumption requirements for the KUS-G3-R during active tracking?
    • ⤷ Which specific NMEA sentences are supported by this module for timing data?