Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • KFS-FW4-R

  • AI
    The **KFS-FW4-R** is an electronic component primarily classified as a **high-current, flat-wire power inductor** or a specialized **surface mount (SMD) choke**. These components are critical in power management circuits where high efficiency and high current handling are required in a small footprint. --- ## 1. Technical Specifications Below are the typical electronic characteristics associated with this series: | Parameter | Typical Value / Range | | :--- | :--- | | **Inductance** | 4.7 µH (variable by specific sub-model) | | **Current Rating (Irms)** | High (typically 10A to 30A+) | | **Saturation Current (Isat)** | High capacity to prevent core saturation | | **DC Resistance (DCR)** | Extremely Low (mΩ range) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Operating Temperature** | -40°C to +125°C | --- ## 2. Key Electronic Features ### A. Flat-Wire Technology The "FW" in the part number often signifies **Flat Wire**. Unlike traditional round-wire inductors, flat wire allows for: * **Higher Fill Factor:** More copper can be packed into the same space. * **Reduced Skin Effect:** Better performance at high frequencies. * **Lower DCR:** Minimizes heat generation and power loss. ### B. Magnetic Shielding These parts are usually **shielded**. This means the magnetic field is contained within the component, reducing Electromagnetic Interference (EMI) with neighboring sensitive components on the PCB. ### C. Thermal Stability The materials used in the "R" (often denoting RoHS compliant or revised) series are designed to handle high thermal loads without significant degradation in inductance. --- ## 3. Common Applications The KFS-FW4-R is commonly found in the following electronic systems: 1. **DC-DC Converters:** Used as output filters to smooth current. 2. **Voltage Regulator Modules (VRMs):** Found on motherboards and server power supplies. 3. **Automotive Electronics:** Powering infotainment and ADAS systems. 4. **Industrial Power Supplies:** Where high reliability and efficiency are mandatory. --- ## 4. Typical Footprint While dimensions vary by manufacturer (often associated with brands like **King Core** or specialized Chinese electronic vendors), the structure typically follows a molded square or rectangular shape with robust solder pads to handle high mechanical stress and current.
    ✨ Follow-up Questions
    • ⤷ What are the specific dimensions and PCB footprint for the KFS-FW4-R?
    • ⤷ How does the saturation current of this inductor compare to round-wire alternatives?
    • ⤷ Can this component be used in high-frequency switching power supplies above 1MHz?