Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • KAC-A2F-R

  • AI
    The **KAC-A2F-R** is a high-performance, global-shutter CMOS image sensor developed by ams (formerly CMOSIS). It is designed primarily for high-speed industrial, scientific, and security applications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Resolution** | 12 Megapixels (4096 x 3072) | | **Pixel Size** | 4.7 µm x 4.7 µm | | **Optical Format** | 4/3-inch | | **Shutter Type** | Global Shutter (Electronic) | | **Max Frame Rate** | 60 fps at 12-bit depth | | **Dynamic Range** | 64 dB | | **Output Interface** | LVDS (8 or 16 lanes) | | **Color Options** | Monochrome or RGB (Bayer Pattern) | --- ### 2. Major Electronic Subsystems The internal circuitry of the KAC-A2F-R consists of several critical electronic blocks that manage the conversion of light into digital data: #### A. Pixel Array and Correlated Double Sampling (CDS) The 4.7 µm pixels utilize a **pipelined global shutter** architecture. This allows the sensor to capture all pixels simultaneously, eliminating "rolling shutter" distortion. The CDS circuitry reduces noise by measuring the pixel's reset level against its signal level. #### B. Analog-to-Digital Converters (ADC) The chip integrates multiple high-speed ADCs. These convert the analog voltage from the pixels into 10-bit or 12-bit digital values. Having column-parallel ADCs is what allows the sensor to reach its high frame rate of 60 fps at full resolution. #### C. LVDS Serialization Because 12MP at 60fps generates a massive amount of data, the sensor uses **Low-Voltage Differential Signaling (LVDS)**. This interface minimizes electromagnetic interference (EMI) and allows for high-speed data transmission to an FPGA or Image Signal Processor (ISP). #### D. Control Logic and SPI The sensor's operations (exposure time, gain, region of interest) are programmed via a standard **SPI (Serial Peripheral Interface)**. This allows a microcontroller to configure the sensor's internal registers. --- ### 3. Typical Application Schematic Overview In a PCB design, the KAC-A2F-R requires several supporting components: 1. **Power Supply:** Multiple LDOs to provide 1.8V (Digital) and 3.3V (Analog) rails. 2. **Clocking:** A stable external crystal oscillator or LVDS clock. 3. **Termination:** 100-ohm resistors for the LVDS data lanes to ensure signal integrity. 4. **Decoupling:** Ceramic capacitors placed close to the VDD pins to filter high-frequency noise. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption requirements for the KAC-A2F-R at full resolution?
    • ⤷ How does the global shutter on this sensor compare to a rolling shutter in industrial motion capture?
    • ⤷ Which FPGAs are most commonly used to interface with the LVDS lanes of this sensor?