Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • JN2DS10SL1-R

  • AI
    ## JN2DS10SL1-R: Technical Overview The **JN2DS10SL1-R** is a high-performance, small-size waterproof circular connector developed by **JAE (Japan Aviation Electronics)**. It is part of the JN2 series, specifically designed for industrial equipment applications. --- ### 1. Key Specifications The following table highlights the primary electrical and physical characteristics of this part: | Characteristic | Specification | | :--- | :--- | | **Connector Type** | Plug (Straight) | | **Number of Contacts** | 10 Pins | | **Current Rating** | 3A per contact | | **Voltage Rating** | 200 VAC | | **Dielectric Withstanding Voltage** | 900 VAC (per minute) | | **Insulation Resistance** | 1000 MΩ minimum | | **IP Rating** | IP67 (Waterproof/Dust-tight) | | **Termination Method** | Solder | --- ### 2. Design and Components The JN2DS10SL1-R is engineered for durability in harsh environments. Its construction consists of several key parts: * **Outer Shell:** Made of high-strength synthetic resin (plastic), making it lightweight yet robust. * **Locking Mechanism:** Features a **One-touch push-pull locking system**. This allows for secure mating and unmating simply by pushing the plug into the receptacle, indicated by an audible "click." * **Coupling:** The "S" in the part number indicates a slim/small body size, suitable for compact machinery. * **Grommet/Seal:** Includes internal rubber seals to maintain the IP67 rating when mated. --- ### 3. Application Use-Cases Due to its vibration resistance and waterproof nature, this connector is commonly found in: * **Industrial Robotics:** Signal and power transmission for robot arms. * **Machine Tools:** Connections for sensors and small motors. * **Medical Equipment:** Devices requiring easy-to-clean, secure interfaces. * **Factory Automation:** Connecting PLC units to peripheral devices. --- ### 4. Part Number Breakdown Understanding the nomenclature helps in identifying variations: | Segment | Meaning | | :--- | :--- | | **JN2** | Series Name (Small circular waterproof) | | **D** | Connection Type (Plug) | | **S** | Shell Size (Small) | | **10** | Number of Contacts | | **S** | Contact Type (Socket/Female) | | **L** | Termination (Solder) | | **1** | Modification Code | | **-R** | RoHS Compliant |
    ✨ Follow-up Questions
    • ⤷ What are the compatible receptacle part numbers for the JN2DS10SL1-R?
    • ⤷ What is the recommended wire gauge (AWG) for the solder termination on this connector?
    • ⤷ Are there crimp-style alternatives to this specific solder-type connector?