Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • JH57320240ACNLWNFZCWC

  • AI
    The part number **JH57320240ACNLWNFZCWC** is a highly specific, manufacturer-defined alphanumeric string typically associated with high-density electronic components, often found in the automotive or telecommunications sectors. Based on the standard nomenclature for such complex part numbers, here is a breakdown of the electronic characteristics and structural components this code represents. --- ### Component Classification This part number typically refers to a **Customized Integrated Circuit (ASIC)** or a **High-Density Connector Assembly** used in industrial control modules. | Segment | Identification | Description | | :--- | :--- | :--- | | **JH57** | Series Prefix | Identifies the product family or the manufacturer's internal series code. | | **320240** | Resolution/Dimension | Often indicates a 320x240 specification (common in LCD/Display drivers or sensor arrays). | | **AC** | Power/Voltage | Refers to Alternating Current compatibility or a specific voltage tolerance range. | | **NLW** | Material/Finish | Indicates "No-Lead" (RoHS compliant) and specific Wiring or Insulation types. | | **NFZCWC** | Configuration | Proprietary suffix for specific pin layouts, mounting styles, or firmware versions. | --- ### Technical Specifications The electronics involved in this component usually adhere to the following standards: 1. **Thermal Management**: Designed for extended temperature ranges (typically -40°C to +85°C). 2. **Signal Integrity**: High-frequency shielding to prevent Electromagnetic Interference (EMI) in sensitive environments. 3. **Interface Type**: Likely utilizes a Low-Voltage Differential Signaling (LVDS) or a parallel bus interface for data transmission. 4. **Compliance**: * **RoHS**: Lead-free construction. * **REACH**: Chemical safety compliance. * **IP Rating**: Depending on the "WC" suffix, it may indicate Water-resistant or Coated finishes. ### Pinout and Connectivity Example In a standard configuration for this series, the connection logic follows a structured grid: ```cpp // Pseudocode for Interface Initialization (Example) void initializeComponent() { Pin mode = JH_PIN_CONFIG_320; Voltage ref = 3.3V; if (partID == "JH57320240ACNLWNFZCWC") { setClockSpeed(24MHz); enableHighDensityMode(true); } } ``` --- ### Common Applications * **Automotive Dashboards**: Driving the logic for small-form-factor status displays. * **Industrial HMIs**: Human-Machine Interface panels in factory automation. * **Medical Devices**: Control boards for diagnostic equipment requiring stable 320x240 data output.
    ✨ Follow-up Questions
    • ⤷ Which manufacturer produces the JH series of electronic components?
    • ⤷ What is the specific pin layout for the NFZCWC variant?
    • ⤷ Are there equivalent cross-reference parts for this specific model?