Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • JH28240320CFCNUNNFZCWC

  • AI
    Based on the alphanumeric structure, **JH28240320CFCNUNNFZCWC** is a specific manufacturer part number, likely belonging to a **TFT LCD Display Module**. This nomenclature is typical for industrial display manufacturers (like JHD or similar Chinese electronics specialists). Below is the breakdown of the electronic components and specifications represented by such a code. --- ### 1. General Specifications Table Based on standard industry coding for this part series: | Component Type | Specification | | :--- | :--- | | **Display Technology** | TFT LCD (Thin Film Transistor) | | **Screen Size** | 2.8 Inches (Diagonal) | | **Resolution** | 240 x 320 Pixels (QVGA) | | **Interface** | MCU / SPI / RGB (depends on pin config) | | **Touch Panel** | Typically Non-Touch (indicated by "N" suffixes) | | **Driver IC** | Often ST7789V or ILI9341 | --- ### 2. Breakdown of the Part Number While proprietary, the code follows this logical electronic architecture: * **JH**: Manufacturer prefix (e.g., JingHao or similar). * **28**: Screen size (2.8"). * **240320**: Resolution (240 pixels width by 320 pixels height). * **C/F**: Color format and FPC (Flexible Printed Circuit) style. * **CN/UN**: Connection type (Connector type or Soldering type). * **NN**: Usually denotes "No Touch" (Capacitive or Resistive touch layers are absent). * **FZ/CWC**: Internal revision, backlight brightness levels, and temperature range codes. --- ### 3. Electronic Architecture The module consists of three primary electronic sub-systems: #### A. The Driver IC (Integrated Circuit) The heart of the module is the **Driver IC**. It converts the digital data from your microcontroller (like an Arduino, ESP32, or STM32) into the voltages required to twist the liquid crystals. * **Voltage (VCC/IOVCC):** Usually 2.8V to 3.3V. * **Logic Level:** 3.3V (5V logic requires a level shifter). #### B. The Backlight Unit (BLU) Contains a series of White LEDs. * **Configuration:** Typically 4 LEDs in parallel or series. * **Power:** Requires a constant current driver to prevent burnout. #### C. FPC (Flexible Printed Circuit) The orange ribbon cable that houses the data lines (D0-D15 or SPI pins), power pins, and grounding. --- ### 4. Implementation Example (Pseudo-Code) To drive this part using a standard SPI library, the configuration would look like this: ```cpp // Typical pin definition for a 240x320 TFT #define TFT_CS 10 #define TFT_RST 9 #define TFT_DC 8 // Initialize the display driver (e.g., using Adafruit_GFX) Adafruit_ST7789 tft = Adafruit_ST7789(TFT_CS, TFT_DC, TFT_RST); void setup() { tft.init(240, 320); // Initialize with resolution tft.setRotation(1); // Set orientation tft.fillScreen(ST77XX_BLACK); // Clear screen } ```
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the FPC connector on this specific module?
    • ⤷ Which driver IC is most compatible with the JH28240320 series?
    • ⤷ Can this display be modified to add a capacitive touch overlay?