JH177128160BCNSMNTHCWC
AI

Based on the alphanumeric structure of the part number **JH177128160BCNSMNTHCWC**, this is a specialized identification string typically used for **Liquid Crystal Display (LCD) Modules**, specifically within the industrial or automotive grade segments.
Below is a breakdown of the electronic components and technical specifications associated with this type of module.
---
## 1. Technical Specification Breakdown
While this is a manufacturer-specific SKU (likely related to JH Display or a similar OEM), the code segments generally correspond to the following hardware attributes:
| Segment | Attribute | Typical Description |
| :--- | :--- | :--- |
| **JH** | Manufacturer | Likely "JingHao" or a related LCD manufacturer. |
| **177** | Screen Size | 1.77-inch diagonal display area. |
| **128160** | Resolution | 128 x 160 Pixels (QQVGA). |
| **BCN** | Interface Type | Often refers to an 8/16-bit Parallel or SPI interface. |
| **SMN** | Panel Technology | Super Twisted Nematic (STN) or specialized FSTN. |
| **THCWC** | Backlight/Temp | Transflective High-Contrast, White LED, Wide Temp range. |
---
## 2. Key Electronic Components
### A. The Display Driver IC (DDIC)
To drive a 128x160 resolution, these modules typically integrate a single-chip controller.
* **Common ICs:** Sitronix **ST7735S** or Ilitek **ILI9163**.
* **Function:** This chip contains the frame buffer (RAM), the timing controller (TCON), and the voltage level shifters required to drive the liquid crystals.
### B. Backlight Unit (BLU)
* **Components:** Usually consists of 2 to 4 White LEDs connected in parallel or series.
* **Electrical:** Requires a constant current driver. Typical forward voltage ($V_f$) is around 3.0V – 3.3V per LED.
### C. FPC (Flexible Printed Circuit)
* **Material:** Polyimide substrate with copper traces.
* **Passive Components:** The FPC usually hosts surface-mount devices (SMD) including:
* **Decoupling Capacitors:** (0.1µF to 1µF) to stabilize power to the Driver IC.
* **Charge Pump Capacitors:** To generate the high VGH/VGL voltages needed for the LCD gate drivers.
---
## 3. Operational Requirements
| Parameter | Typical Value | Unit |
| :--- | :--- | :--- |
| **Logic Voltage ($V_{DD}$)** | 2.8 - 3.3 | Volts |
| **I/O Voltage ($V_{DDIO}$)** | 1.65 - 3.3 | Volts |
| **Operating Temp** | -20 to +70 | °C |
| **Interface** | 4-wire SPI / MCU 8-bit | Type |
---
## 4. Pinout Connection (Generic 1.77" Type)
Most modules with this specification utilize a 10-pin to 14-pin FPC connector:
1. **GND:** Ground.
2. **VCC:** Power Supply.
3. **SCL/SCLK:** Serial Clock.
4. **SDA/SDI:** Serial Data.
5. **RES:** Reset Pin.
6. **DC/RS:** Data/Command Selection.
7. **CS:** Chip Select.
8. **LEDA/LEDK:** Backlight Anode/Cathode.
- ⤷
Which specific Driver IC does this module use (ST7735 or ILI9163)?
- ⤷ What is the recommended circuit for the LED backlight driver?
- ⤷ How do I initialize this display using an Arduino or ESP32?