Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • J103

  • AI
    The designation **J103** in the electronics world typically refers to one of two things: a **Ceramic Disc Capacitor** value or a specific **JFET Transistor**. --- ### 1. Capacitor Code: J103 When you see "103" printed on a capacitor (often small, orange, or blue discs), it is a numerical code representing its capacitance value. #### Technical Breakdown | Component | Code Segment | Meaning | Value | | :--- | :--- | :--- | :--- | | **Digits** | 10 | Significant Figures | 10 | | **Multiplier** | 3 | Number of Zeros | 1,000 | | **Tolerance** | J | Accuracy Class | ±5% | **Calculation:** $10 \times 10^3 \text{ pF} = 10,000 \text{ pF} = \mathbf{10\text{ nF}} = \mathbf{0.01\text{ }\mu\text{F}}$ #### Common Uses * **Decoupling:** Removing high-frequency noise from power lines. * **Filtering:** Allowing certain frequencies to pass while blocking others in audio circuits. * **Timing:** Used in RC (Resistor-Capacitor) circuits to create specific time delays. --- ### 2. Transistor: J103 (2SJ103) If "J103" refers to a specific semiconductor part number, it is usually the **2SJ103**, a P-Channel Junction Field Effect Transistor (JFET) manufactured by companies like Toshiba. #### Key Specifications | Parameter | Description | Typical Value | | :--- | :--- | :--- | | **Type** | Channel Type | P-Channel | | **$V_{GDS}$** | Gate-Drain Voltage | -50V | | **$I_{DSS}$** | Drain Current | -2.6 to -20 mA | | **Package** | Physical Housing | TO-92 | | **Application** | Primary Use | Low-noise audio amplification | #### Pinout (TO-92 Package) Looking at the flat side: 1. **Drain (D)** 2. **Gate (G)** 3. **Source (S)** --- ### Summary Comparison | Feature | Capacitor "103J" | Transistor "J103" | | :--- | :--- | :--- | | **Function** | Stores electrical charge | Controls current flow | | **Terminals** | 2 (Non-polarized) | 3 (Gate, Drain, Source) | | **Appearance** | Small disc or rectangle | Small black cylinder (flat side) | ---
    ✨ Follow-up Questions
    • How do I identify if my J103 is a capacitor or a transistor based on the circuit board label?
    • What is the difference between J (5%) and K (10%) tolerance in capacitors?
    • What are the modern equivalents or replacements for the 2SJ103 JFET?