Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • IS67WVR4M8BLL-R104TLI

  • AI
    The **IS67WVR4M8BLL-R104TLI** is a high-performance Pseudo Static RAM (PSRAM) manufactured by Integrated Silicon Solution, Inc. (ISSI). It is specifically designed for automotive and industrial applications where low power consumption and high density are required. --- ## 1. Technical Specifications Below are the primary electrical and physical specifications for this component: | Feature | Specification | | :--- | :--- | | **Memory Type** | PSRAM (Pseudo Static RAM) | | **Memory Capacity** | 32 Megabit (4M x 8) | | **Interface** | Asynchronous / Page Mode | | **Voltage Supply** | 1.7V to 1.95V (Core and I/O) | | **Access Time** | 70ns | | **Max Clock Frequency** | 104 MHz (in burst/page modes) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | | **Package Type** | TFBGA (Fine Pitch Ball Grid Array) | --- ## 2. Key Electronic Components & Features ### A. Memory Core (PSRAM Architecture) The device uses a DRAM-based memory cell but includes an internal self-refresh controller. This allows it to act like an **SRAM** (Static RAM) from the user's perspective, eliminating the need for the external memory controller to manage refresh cycles. ### B. Interface Logic * **8-bit Data Bus:** It communicates via an 8-bit wide data path, balancing pin count and throughput. * **Control Signals:** It utilizes standard pins such as Chip Enable (`CE#`), Output Enable (`OE#`), and Write Enable (`WE#`). * **Wait Signal:** Provides a hardware signal to indicate when the data is ready during long latency operations. ### C. Power Management The part is designed for "Deep Power Down" and "Partial Array Self Refresh" (PASR) modes. These electronic features are critical for battery-operated devices to extend life during standby periods. --- ## 3. Application Use Cases This specific part is often found in: * **Automotive Infotainment:** Handling buffer data for displays. * **IoT Gateways:** Serving as a temporary workspace for sensor data. * **Embedded Systems:** Used in microcontrollers that lack sufficient internal RAM but have an external memory interface (EMI). --- ## 4. Pin Configuration (Summary) ```text Address Pins: A0 - A21 (to address 4M locations) Data Pins: DQ0 - DQ7 (8-bit bidirectional) Control: CE#, OE#, WE#, WAIT, ADV# Power: VCC, VSS (Ground) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between PSRAM and standard SRAM in this context?
    • ⤷ What are the specific power consumption levels in standby mode for this part?
    • ⤷ Can this memory chip be used with a standard 3.3V microcontroller?