AI

## IP175ALF-DS-R07 Overview
**IP175ALF-DS-R07** appears to be a datasheet reference for an **IP175A** integrated circuit, likely from **IC Plus Corporation**, a Taiwanese semiconductor company that makes Ethernet switch chips. I can't verify the exact details of this revision, so treat the following as a general explanation.
---
### Part Number Breakdown
| Segment | Meaning (likely) |
|---|---|
| **IP175A** | Base device name (IC Plus Ethernet switch controller family) |
| **LF** | Lead-free (RoHS-compliant) package |
| **DS** | Datasheet document |
| **R07** | Revision 07 of the datasheet |
---
### What the IP175A Family Typically Is
- **Type:** Ethernet switch controller (layer 2 switching)
- **Ports:** Multi-port 10/100 Mbps Fast Ethernet, usually 5 ports in the "A" variant
- **Integrated PHYs:** Usually includes internal physical-layer transceivers, so external PHY chips are often unnecessary
- **Typical functions:**
- MAC address learning and forwarding
- VLAN support (port-based and tag-based)
- Basic QoS (priority queues)
- Flow control (IEEE 802.3x)
- Optional CPU/management interface, often via MII/RMII or serial management
- **Typical applications:** Home routers, broadband gateways, IP set-top boxes, small office switches, and embedded networking devices
---
### Key Electrical Parts to Check in the Datasheet
1. **Power supply pins:** Core voltage (often 1.8 V or 2.5 V) and I/O voltage (often 3.3 V)
2. **Clock input:** Usually a 25 MHz crystal or oscillator
3. **Media interface pins:** TXP/TXN and RXP/RXN differential pairs for each port
4. **LED outputs:** Link/activity status indicators
5. **Management interface:** MDC/MDIO or SMI for register configuration
6. **Reset pin:** Active-low hardware reset
7. **Package:** Typically a QFP or QFN, so check the pin count and footprint
8. **Absolute maximum ratings and operating conditions:** Temperature range and voltage limits
9. **Application circuit:** Reference schematic for magnetics, termination, and decoupling capacitors
---
### Recommendation
To get exact pin names, voltages, package type, and register details, download the official **IP175A datasheet (R07 revision)** from IC Plus Corporation's website or a distributor such as Digi-Key, Mouser, or LCSC. If you can share a page or pin table, I can explain it in more detail.
---
- ⤷What are the pin functions and package type of the IP175A?
- ⤷ How do I connect the IP175A to a CPU or external controller?
- ⤷ What are the power and clock requirements for the IP175ALF?