Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • I103

  • AI
    The term **I103** in electronics most commonly refers to a specific component designation for an **Inductor** (specifically a Power Choke) or a **Capacitor**, depending on whether it is a part number or a PCB reference designator. Below is a breakdown of the two most common interpretations of "I103" or "103" in the electronics industry. --- ## 1. The "103" Component Marking (SMD Capacitors & Resistors) In electronics, "103" is a standard numerical code used to represent a specific value. ### How to decode "103": The code uses a three-digit system where the first two digits are the value and the third is the multiplier (number of zeros). | Component Type | Value Calculation | Resulting Value | | :--- | :--- | :--- | | **Capacitor** | $10 \times 10^3$ pF | **10,000 pF** or **10nF** or **0.01µF** | | **Resistor** | $10 \times 10^3$ $\Omega$ | **10,000 $\Omega$** or **10k$\Omega$** | --- ## 2. Power Inductors (I103 / 103 Series) If you are looking at a black, square component with "103" printed on top, it is likely a **Power Inductor**. These are frequently used in DC-DC converters and power supply circuits. ### Specifications of a typical 103 Inductor: * **Inductance:** 10µH (Microhenries). * **Function:** It stores energy in a magnetic field. It is used to filter noise or smooth out current in power circuits. * **Common Applications:** * Laptop Motherboards * LED Drivers * Switching Power Supplies (SMPS) --- ## 3. Reference Designator "I103" On a Printed Circuit Board (PCB), "I" is occasionally used (though "L" is more common for inductors and "U" for ICs) as a reference designator. * **I103** would mean the **3rd component** of the **"I" category** (often used for specific interface modules or inductors in some proprietary naming conventions) located in the **100-series section** of the board. --- ## Summary Identification Table | Feature | Details | | :--- | :--- | | **Category** | Passive Component | | **Common Value** | 10k (Ohms) / 10nF (Farads) / 10µH (Henries) | | **Package Types** | SMD (Surface Mount) 0603, 0805, or Power Choke | | **Primary Use** | Filtering, Timing, or Energy Storage | ---
    ✨ Follow-up Questions
    • How do I test a 103 inductor using a multimeter?
    • What is the difference between a 103 ceramic capacitor and a 103 resistor?
    • Can I replace a 103 inductor with a different value in a power circuit?