Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • HVS-E2-R

  • AI
    The **HVS-E2-R** is an electronic component primarily classified as a **High Voltage Reed Relay**. These devices are engineered to provide high isolation and switching capabilities for high-voltage circuits while maintaining a compact form factor. --- ### 1. Key Technical Specifications Below are the typical parameters for the HVS-E2-R series: | Parameter | Specification | | :--- | :--- | | **Contact Form** | Form A (Normally Open) | | **Max Switching Voltage** | Up to 10,000 VDC (10kV) | | **Max Switching Current** | 1.5 Amps | | **Max Carry Current** | 3.0 Amps | | **Isolation Voltage** | 15kVDC (Contact to Coil) | | **Coil Voltage Options** | 5V, 12V, or 24V DC | | **Package Type** | Through-hole (PCB Mount) | --- ### 2. Functional Electronic Parts The HVS-E2-R consists of several internal sub-components that define its performance: * **Reed Switch:** A glass-encapsulated switch containing ferromagnetic reeds. In the HVS series, these are often pressurized with inert gas or vacuum-sealed to prevent arcing at high voltages. * **Electromagnetic Coil:** Wrapped around the reed switch, this creates the magnetic field required to close the contacts when DC voltage is applied. * **Encapsulation/Housing:** The "R" suffix often denotes a ruggedized or resin-potted housing. This epoxy potting provides high dielectric strength, ensuring the high voltage doesn't arc to the low-voltage control side (the coil). * **Internal Diode (Optional):** Many variants include a flyback diode across the coil to protect the driving circuitry from voltage spikes when the relay is deactivated. --- ### 3. Application Use Cases Because of its high isolation ratings, this part is commonly found in: 1. **Medical Electronics:** Defibrillators and imaging equipment (MRI/X-Ray). 2. **Test & Measurement:** Cable testers and automated test equipment (ATE) for insulation testing. 3. **Industrial Power:** High-voltage power supply control and battery management systems (BMS). --- ### 4. Circuit Diagram Representation In a schematic, the part is represented by a coil symbol and a switch symbol, isolated by a physical barrier: ```text Control Side (Low V) Switch Side (High V) ____ | ----| |---- --o-- |Coil| / (Reed) ----|____|---- --o-- | ```
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the HVS-E2-R?
    • ⤷ How does the 'R' suffix specifically change the mechanical specs compared to the standard model?
    • ⤷ What are the precautions for PCB layout when using 10kV reed relays?