Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • HVF-3V-R

  • AI
    The **HVF-3V-R** is an electronic component primarily associated with **NIDEC COPAL ELECTRONICS** (or sometimes generic industrial suppliers). It is a specialized **Pressure Switch** or **Vacuum Switch** designed for high-vacuum applications and precision industrial sensing. Below is a detailed breakdown of its electronic and physical specifications. --- ## 1. Product Overview The HVF-3V-R belongs to a category of pressure switches used to monitor vacuum levels in semiconductor manufacturing, medical equipment, and automation systems. | Feature | Specification | | :--- | :--- | | **Component Type** | Vacuum Pressure Switch | | **Sensing Principle** | Diaphragm / Semiconductor Strain Gauge | | **Output Type** | NPN or PNP Open Collector (model dependent) | | **Housing Material** | Polycarbonate / Stainless Steel Interface | --- ## 2. Key Electronic Specifications The "3V" in the model number typically indicates the pressure range, while the "R" often signifies the output configuration or mounting style. ### A. Electrical Characteristics * **Supply Voltage:** Usually operates between **12V to 24V DC** (tolerance ±10%). * **Current Consumption:** Low power consumption, typically **< 30mA**. * **Switch Output:** Transistor output capable of switching up to 80mA–100mA loads. * **Response Time:** Fast response, usually **< 5ms**, ensuring rapid feedback in automated lines. ### B. Pressure Sensing Range * **Vacuum Range:** Optimized for negative pressure, often ranging from **0 to -101.3 kPa** (roughly -1 bar). * **Hysteresis:** Fixed or adjustable (depending on the specific internal trim), usually around 1-3% of the full scale. --- ## 3. Pinout and Connection Wiring Most HVF series switches use a 3-wire system. Standard wiring colors follow industrial norms: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown** | Vcc (+) | Positive Power Supply (12-24V DC) | | **Blue** | 0V (-) | Ground / Negative Rail | | **Black** | Output | Signal line (Connects to PLC or Relay) | --- ## 4. Internal Construction The device consists of three main electronic subsections: 1. **Sensing Element:** A micro-machined silicon diaphragm that flexes under vacuum pressure. 2. **Signal Conditioner:** An internal Op-Amp circuit that converts the minute resistance change of the sensor into a measurable voltage. 3. **Comparator/Switching Circuit:** A circuit that compares the voltage against a set threshold (potentiometer-adjusted) to trigger the output transistor. --- ## 5. Applications * **Pick-and-Place Machines:** To verify if a vacuum suction cup has successfully grabbed a component. * **Leak Detection:** Monitoring pressure decay in sealed chambers. * **Semiconductor Processing:** Controlling vacuum environments in wafer handling.
    ✨ Follow-up Questions
    • ⤷ What is the exact pressure range for the HVF-3V-R model?
    • ⤷ Does this component require an external controller or is it a standalone switch?
    • ⤷ Can you provide the wiring diagram for connecting this to an Arduino or PLC?