Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • HT8095LED

  • AI
    The **HT8095** is a specialized Integrated Circuit (IC) designed primarily for driving LED displays, common in household appliances and electronic instrumentation. It is a high-performance LED controller/driver with integrated scan circuitry. --- ### 1. Key Technical Specifications The HT8095 operates as a peripheral device for microcontrollers (MCUs) to manage multi-segment LED displays without taxing the main processor's resources. | Parameter | Specification | | :--- | :--- | | **Operating Voltage** | 4.5V to 5.5V | | **Interface Type** | 3-wire Serial Interface (CS, WR, DATA) | | **Display Mode** | 1/4 Duty, 1/8 Bias | | **Max Display Segments** | Up to 80 segments (typically 20x4 or 10x8 configurations) | | **Oscillator** | Built-in RC oscillator (256kHz) | | **Package Types** | 44-pin QFP, 48-pin LQFP, or SSOP | --- ### 2. Functional Components The internal architecture of the HT8095 consists of several critical electronic blocks: * **Display Data RAM:** Stores the pattern to be displayed. The MCU writes data to this RAM via the serial interface, and the IC automatically refreshes the LED segments. * **Timing Control:** Includes a built-in frequency divider to generate the necessary scanning frequencies for the LEDs. * **LED Driver Circuitry:** High-current sink/source outputs designed to drive the common anodes or cathodes of the LED segments directly. * **Command Decoder:** Interprets serial instructions such as "Display ON/OFF," "Brightness Control," and "System Enable." --- ### 3. Connection Diagram (Typical Application) The HT8095 acts as a bridge between the MCU and the LED matrix. ```mermaid graph LR A[Microcontroller] -- CS/WR/DATA --> B[HT8095 Driver] B -- COM 0-3 --> C[LED Display] B -- SEG 0-19 --> C ``` --- ### 4. Comparison with Standard Drivers Compared to simple shift registers (like the 74HC595), the HT8095 offers significant advantages for display management: 1. **Reduced Pin Count:** Only requires 3 pins from the MCU to control up to 80 LED segments. 2. **Autonomous Refresh:** Once data is written, the HT8095 handles the multiplexing/scanning automatically, preventing flicker caused by MCU software delays. 3. **Brightness Control:** Often features software-programmable duty cycles to dim or brighten the display. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout differences between the QFP and SSOP versions of the HT8095?
    • ⤷ How do you program the brightness levels using the serial interface?
    • ⤷ Can the HT8095 be used to drive an LCD instead of an LED display?