Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • HJR-06-R

  • AI
    ## HJR-06-R: Overview and Technical Details The **HJR-06-R** is a specific model of a **Miniature High-Power PCB Relay**, typically manufactured by companies like **Tianbo** or **HKE**. It is designed to act as an electrically operated switch, allowing a low-power signal to control a high-power circuit. --- ### 1. Key Technical Specifications Below are the general electronic parameters for the HJR-06 series: | Parameter | Specification (Typical) | | :--- | :--- | | **Contact Form** | 1 Form A (SPST-NO) or 1 Form C (SPDT) | | **Contact Rating** | 5A to 10A at 240VAC / 30VDC | | **Coil Voltage (Nominal)** | 3V, 5V, 6V, 9V, 12V, 24V, 48V DC | | **Coil Power Consumption** | Approx. 0.36W to 0.45W | | **Dielectric Strength** | 1,000VAC (between open contacts) | | **Mechanical Life** | 10,000,000 operations | | **Electrical Life** | 100,000 operations (at rated load) | --- ### 2. Internal Electronic Components A relay like the HJR-06-R consists of several internal parts working in unison: 1. **Electromagnetic Coil:** A copper wire winding that creates a magnetic field when DC current passes through it. The "R" in the part number often indicates a specific sensitivity or RoHS compliance. 2. **Armature:** A moving piece of metal that is attracted by the magnetic field of the coil. 3. **Spring:** Returns the armature to its original position when the power to the coil is cut. 4. **Contacts:** Usually made of Silver Alloy (AgSnO2 or AgCdO) to resist "pitting" and "arcing" when switching high currents. 5. **Terminals:** Pins designed for Through-Hole Technology (THT) mounting on a Printed Circuit Board (PCB). --- ### 3. Pinout Configuration The standard HJR-06-R usually follows a 5-pin layout: * **Pins 1 & 2 (Coil):** Connected to the control circuit (e.g., a microcontroller via a transistor). * **Pin 3 (Common - COM):** The main line that is switched. * **Pin 4 (Normally Closed - NC):** Connected to COM when the relay is **OFF**. * **Pin 5 (Normally Open - NO):** Connected to COM when the relay is **ON**. --- ### 4. Common Applications * **Home Automation:** Controlling lights, fans, or smart plugs. * **Industrial Controls:** Switching small motors or solenoid valves. * **Power Supplies:** Used as an isolation switch or for soft-start circuits. * **Automotive Electronics:** Handling peripheral power switching. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 5V and 12V versions of this relay?
    • ⤷ How do I calculate the flyback diode needed for this relay coil?
    • ⤷ What are the PCB footprint dimensions for the HJR-06-R?