Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • HFMP1005-R40M

  • AI
    ## Technical Overview: HFMP1005-R40M The **HFMP1005-R40M** is a high-frequency, molded power inductor typically used in compact consumer electronics for power management. It is designed for high efficiency in DC-DC converter applications where space is limited. ### 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical characteristics: | Component | Meaning | Description | | :--- | :--- | :--- | | **HFMP** | Series | High Frequency Molded Power Inductor | | **1005** | Case Size | Metric dimensions (approx. 1.0mm x 0.5mm) | | **R40** | Inductance | 0.40 µH (Microhenries) | | **M** | Tolerance | ±20% | --- ### 2. Key Electrical Specifications While specific values can vary slightly by manufacturer (such as Cyntec or Chilisin), the standard specifications for this part are: * **Inductance:** 0.40 µH * **DC Resistance (DCR):** Low resistance to minimize power loss (typically measured in mΩ). * **Saturation Current (Isat):** The current level where inductance drops by a specific percentage (usually 30%). * **Heating Current (Irms):** The current that causes a specific temperature rise (usually 40°C) above ambient. * **Operating Temperature:** Generally ranges from -40°C to +125°C. --- ### 3. Construction and Features The HFMP series utilizes a **Molded Metal Powder** construction, which offers several advantages: 1. **Magnetic Shielding:** The molded structure naturally shields the component, reducing Electromagnetic Interference (EMI) with surrounding components. 2. **Soft Saturation:** Unlike ferrite cores that drop inductance sharply, metal powder cores have a gradual saturation curve, improving stability under high-load peaks. 3. **Miniaturization:** The 1005 footprint (0402 in imperial) is extremely small, making it ideal for smartphones, wearables, and IoT devices. --- ### 4. Typical Applications This part is primarily used in **Point of Load (POL)** converters and high-speed switching power supplies: * Smartphone PMICs (Power Management ICs). * CPU/GPU core power for mobile devices. * SSD (Solid State Drive) power rails. * Compact Bluetooth/Wi-Fi modules. --- ### 5. Footprint Example In a PCB design environment (like Altium or KiCad), the footprint would look like this: ```markdown Dimension | Millimeters (mm) ----------|----------------- Length (L)| 1.00 ± 0.1 Width (W) | 0.50 ± 0.1 Height (H)| 0.60 (Max) ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between a molded inductor and a traditional wire-wound inductor?
    • ⤷ How does the 'R40' inductance value affect the ripple current in a DC-DC converter?
    • ⤷ Which manufacturers currently produce the HFMP series equivalent parts?