HFE28-140SLASH12-2SHT2-R
AI

The part number **HFE28-140/12-2SHT2-R** refers to a high-voltage power relay, typically manufactured by **Hongfa**. These relays are specifically designed for New Energy Vehicles (EVs) and high-voltage DC switching applications.
### 1. Part Number Breakdown
The nomenclature can be decoded as follows:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **HFE28** | Series Name | High-voltage DC Relay series (Magnetic Blow-out) |
| **140** | Current Rating | Rated continuous carry current of **140 Amperes** |
| **12** | Coil Voltage | Control circuit operates at **12V DC** |
| **2S** | Contact Form | Dual contact set / Specific mounting orientation |
| **HT2** | Housing Type | High-temperature resistant plastic or specialized sealing |
| **R** | Feature/RoHS | Internal resistor/diode for suppression or RoHS compliance |
---
### 2. Key Technical Specifications
Based on the standard HFE28 series parameters:
* **Load Voltage:** Rated for up to **1000V DC** switching.
* **Contact Resistance:** Typically $\le 1m\Omega$ (initial).
* **Insulation Resistance:** $1000M\Omega$ (at 1000V DC).
* **Dielectric Strength:** Usually 3000V AC or higher between coil and contacts.
* **Life Expectancy:**
* *Mechanical:* $2 \times 10^5$ operations.
* *Electrical:* $1 \times 10^3$ operations (at max rated voltage/current).
---
### 3. Core Features and Technology
The HFE28 series utilizes several advanced electronic design principles to handle high-power DC:
#### A. Magnetic Blow-out
Switching high-voltage DC is difficult because DC does not have a "zero-crossing" like AC. When the contacts open, an arc forms. This relay uses **permanent magnets** to "blow" the arc away from the contacts, stretching it until it extinguishes.
#### B. Ceramic/Epoxy Sealing
The contact chamber is often filled with inert gas (like Nitrogen or Hydrogen) and hermetically sealed. This prevents oxidation of the contacts and allows for a smaller gap to quench arcs effectively.
#### C. Polarized Contacts
Because of the magnetic blow-out feature, these relays are often **polarity-sensitive**. You must connect the positive (+) and negative (-) terminals of the high-voltage load to the correct pins as indicated on the housing.
---
### 4. Common Applications
* **Electric Vehicles (EVs):** Main relay for the Battery Management System (BMS).
* **Charging Stations:** DC fast-charging disconnects.
* **Solar Inverters:** High-voltage DC side switching for PV arrays.
* **Energy Storage Systems (ESS):** Battery rack protection.
---
- ⤷
What is the significance of the 'R' suffix regarding coil suppression in this relay?
- ⤷ How does the ambient temperature affect the 140A continuous current rating?
- ⤷ Is this relay bi-directional or does it require specific polarity for the high-voltage load?