Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • HCM1A1305-R56-R

  • AI
    ## Technical Analysis of HCM1A1305-R56-R The **HCM1A1305-R56-R** is a high-current, automotive-grade power inductor manufactured by **Eaton (formerly Cooper Bussmann)**. It belongs to the HCM1A series, specifically designed to meet the rigorous demands of automotive electronics. ### 1. Key Specifications The following table summarizes the primary electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Inductance** | 0.56 µH | | **Tolerance** | ±20% | | **Current Rating (Irms)** | 35 Amps | | **Saturation Current (Isat)** | 52 Amps | | **DC Resistance (DCR)** | 1.35 mΩ (typical) / 1.55 mΩ (max) | | **Operating Temperature** | -55°C to +155°C | | **Package Size** | 13.8mm x 12.5mm x 5.0mm | | **Core Material** | Alloy Powder (Molded) | --- ### 2. Breakdown of the Part Number Understanding the nomenclature helps in identifying variations within the series: * **HCM1A**: Series name (High Current, Automotive Grade, Version 1). * **1305**: Physical dimensions (approx. 13mm x 5mm height). * **R56**: Inductance value (R denotes decimal; 0.56 µH). * **-R**: RoHS compliant. --- ### 3. Core Features & Technology The HCM1A1305-R56-R utilizes specialized construction techniques to achieve high performance: 1. **Molded Construction:** The coil is embedded in a metal alloy powder. This provides excellent magnetic shielding, which significantly reduces **Electromagnetic Interference (EMI)**. 2. **High Temperature Stability:** Unlike standard consumer inductors, this part is rated for **AEC-Q200 Grade 1**, meaning it can operate reliably in engine compartments where temperatures reach up to +155°C. 3. **Low DCR:** The very low DC resistance (1.35 mΩ) minimizes power loss and heat generation, allowing for high efficiency in power conversion. 4. **Soft Saturation:** The alloy powder core exhibits "soft" saturation characteristics, meaning the inductance drops gradually rather than abruptly when the current exceeds the rated limit. --- ### 4. Typical Applications This inductor is primarily used in DC-to-DC converters and voltage regulator modules (VRMs) for: * **Automotive Systems:** ADAS (Advanced Driver Assistance Systems), Infotainment, and Body Electronics. * **High Current Supplies:** Powering CPUs and GPUs in industrial computers. * **Battery Management Systems (BMS):** Efficient energy distribution in electric vehicles. ---
    ✨ Follow-up Questions
    • ⤷ How does the saturation current (Isat) of this inductor compare to ferrite core alternatives?
    • ⤷ What are the recommended soldering profiles for this AEC-Q200 rated component?
    • ⤷ Can this inductor be used in high-frequency switching applications above 1 MHz?