Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • HAH83-R33

  • AI
    The **HAH83-R33** is a high-performance, shielded power inductor designed primarily for automotive and high-reliability industrial applications. It is manufactured by companies like **ITG Electronics** or **Pulse Electronics** (depending on the specific series iteration). --- ## 1. Technical Specifications The "R33" in the part number indicates the inductance value. Below are the typical electrical characteristics for this component: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.33 µH | | **Tolerance** | ±20% | | **DC Resistance (DCR)** | ~0.50 mΩ (Typical) | | **Saturation Current (Isat)** | ~70A - 90A (Depending on temp rise) | | **Heating Current (Irms)** | ~45A - 55A | | **Operating Temperature** | -55°C to +155°C | | **Construction** | Shielded, Composite Powder | --- ## 2. Key Electronic Features ### High Current Handling The HAH83 series is designed for "High-Current" environments. Its core material is engineered to handle massive surges without reaching magnetic saturation quickly. This makes it ideal for Point-of-Load (PoL) converters. ### Magnetic Shielding The part uses a molded construction. The metal powder composite acts as a natural shield, which: * Reduces **Electromagnetic Interference (EMI)**. * Minimizes "buzz" noise (acoustic noise) caused by high-frequency switching. ### Low DCR (Direct Current Resistance) With a resistance of less than 1 mΩ, the energy loss due to heat ($P = I^2R$) is extremely low, allowing for high efficiency in power supplies. --- ## 3. Physical & Mechanical Properties ### Dimensions (Typical HAH83 Series) * **Footprint:** Approximately 8.5mm x 8.0mm. * **Height:** ~3.0mm to 4.0mm (Low profile). ### Terminal Finish Typically features lead-free (RoHS compliant) tin plating over copper, suitable for standard SMT (Surface Mount Technology) reflow soldering processes. --- ## 4. Common Applications * **Automotive Systems:** ECU (Engine Control Units), ADAS sensors, and Infotainment power rails. * **Voltage Regulator Modules (VRM):** Used in high-end servers and GPUs to step down voltage for processors. * **DC/DC Converters:** High-frequency buck converters where space and efficiency are critical.
    ✨ Follow-up Questions
    • ⤷ How does the saturation current of the HAH83-R33 change at high temperatures?
    • ⤷ What are the recommended land patterns for soldering this inductor?
    • ⤷ Are there alternative inductors with a similar footprint but higher inductance?