Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • GSAP-1.6-R

  • AI
    Based on the technical profile of the **GSAP-1.6-R** (often associated with high-precision solar array positioners or specific aerospace/satellite gimbal assemblies), the electronic components are designed for extreme reliability, radiation hardening, and precise motion control. --- ## 1. Core Electronic Components The GSAP-1.6-R system typically consists of several integrated subsystems that manage power, feedback, and mechanical movement. | Component Type | Specific Part/Function | Description | | :--- | :--- | :--- | | **Drive Motor** | Brushless DC (BLDC) or Stepper | Provides the primary torque. Stepper motors are common for precise angular positioning without complex tuning. | | **Position Sensors** | Potentiometers or Resolvers | Provides absolute position feedback to the controller to ensure the array is facing the correct vector. | | **Logic Controller** | FPGA or Microcontroller | Processes commands from the main bus and calculates the necessary pulses for the motor drivers. | | **Power Stage** | H-Bridge / MOSFETs | Switches high-current power to the motor windings based on logic signals. | | **EMI Filtering** | Inductors & Capacitors | Reduces electromagnetic interference to prevent affecting sensitive onboard radio equipment. | --- ## 2. Technical Specifications Electronic parts in these units are usually rated for space or industrial "R" (Ruggedized) environments. ### Power Characteristics * **Operating Voltage:** Typically ranges from **22V to 34V DC** (standard satellite bus voltage). * **Quiescent Current:** Low power consumption mode when the motor is stationary to preserve energy. * **Peak Current:** Regulated to prevent thermal runaway in the motor coils. ### Signal Interface The unit usually communicates via a standard aerospace protocol: * **RS-422 / RS-485:** For differential signaling (noise immunity). * **Discrete Telemetry:** Analog lines to monitor temperature (Thermistors) and health status. --- ## 3. Protection Circuitry Given the "R" designation (often implying **Redundancy** or **Ruggedization**), the following electronic protections are standard: 1. **Thermal Protection:** Integrated thermistors (10k Ohm or similar) that trigger a shutdown if the motor exceeds a specific temperature (e.g., +85°C). 2. **Over-Current Protection:** Fuses or electronic current limiters to prevent a jammed gear from burning out the drive electronics. 3. **Radiation Hardening:** In aerospace versions, components are shielded or selected for high **TID (Total Ionizing Dose)** resistance to prevent bit-flips in the logic. --- ## 4. Typical Wiring Pinout (Example) *This is a generic representation of the electronic interface for this class of positioner:* ```yaml Pin 1: Motor Phase A Pin 2: Motor Phase B Pin 3: +28V Main Power Pin 4: Power Return (GND) Pin 5: Potentiometer High (+5V) Pin 6: Potentiometer Wiper (Signal) Pin 7: Case Ground / Shield ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum torque capacity for the GSAP-1.6-R motor?
    • ⤷ Does this model support digital communication protocols like CAN bus?
    • ⤷ What are the specific radiation hardening ratings for the R-series electronics?