Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • GS2ABF

  • AI
    The **GS2ABF** is a Surface Mount Device (SMD) General Purpose Rectifier diode. It is part of the "GS2" family and is commonly used in power management circuits to convert alternating current (AC) to direct current (DC) and to provide reverse polarity protection. --- ### ## Technical Specifications The GS2ABF is typically housed in an **SMBF** package, which is a low-profile alternative to the standard SMB (DO-214AA) package, offering better thermal performance and a smaller footprint. | Parameter | Value | Unit | | :--- | :--- | :--- | | **Maximum Repetitive Reverse Voltage ($V_{RRM}$)** | 50 | Volts | | **Average Rectified Forward Current ($I_{F(AV)}$)** | 2.0 | Amperes | | **Peak Forward Surge Current ($I_{FSM}$)** | 50 | Amperes | | **Forward Voltage Drop ($V_F$) at 2A** | ~1.1 | Volts | | **Reverse Recovery Time ($t_{rr}$)** | Standard | - | | **Operating Junction Temperature ($T_J$)** | -55 to +150 | °C | --- ### ### Key Features 1. **Low Profile Package:** The "BF" suffix denotes the SMBF package, which is significantly thinner than traditional SMB packages, making it ideal for compact electronic assemblies like slim adapters and mobile chargers. 2. **High Surge Capacity:** It can handle a peak surge of up to 50A, protecting the circuit from sudden inrush currents. 3. **Glass Passivated Chip Junction:** This construction ensures high reliability and stability over time and temperature variations. 4. **Polarity:** The band on the body indicates the **Cathode** (negative) end. --- ### ### Applications The GS2ABF is designed for general-purpose rectification across various industries: * **Power Supplies:** Used in bridge rectifiers for AC/DC conversion. * **Adapters:** Integrated into laptop and smartphone chargers. * **Reverse Polarity Protection:** Prevents damage if a battery or DC input is connected backward. * **Freewheeling Diodes:** Used in inductive load switching (relays, motors) to suppress voltage spikes. --- ### ### Typical Circuit Representation In a standard schematic, the GS2ABF is represented by the diode symbol. ```text (Anode) + ----|>|---- - (Cathode) GS2ABF ```
    ✨ Follow-up Questions
    • ⤷ What are the differences between the GS2ABF and the GS2MBF?
    • ⤷ Can this diode be used in high-frequency switching power supplies?
    • ⤷ What are the PCB footprint advantages of the SMBF package over the SMA package?