Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • GS-R51212S

  • AI
    ## Overview of the GS-R51212S The **GS-R51212S** is a specialized high-performance **DC-DC Step-Down (Buck) Regulator module** originally manufactured by STMicroelectronics. It belongs to the GS-R series, which are designed as complete switching regulator solutions that integrate the controller, power switch, and inductor into a single package. --- ### 1. Key Technical Specifications The GS-R51212S is distinct because it provides **triple output** rails, making it a versatile power management solution for complex circuits. | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | Typically 15V to 40V DC | | **Output 1 (Main)** | +5V @ 1.5A to 2A | | **Output 2** | +12V @ 0.1A to 0.2A | | **Output 3** | -12V @ 0.1A to 0.2A | | **Efficiency** | ~75% to 85% (depending on load) | | **Package Type** | SIP (Single In-line Package) or DIP-style module | | **Isolation** | Non-isolated | --- ### 2. Core Internal Components The "electronic parts" contained within this encapsulated module typically include: * **Switching Regulator IC:** Usually a PWM (Pulse Width Modulation) controller that manages the conversion process. * **Power MOSFETs:** High-speed transistors used to switch the input current. * **Power Inductor:** A high-quality coil used for energy storage during the buck conversion. * **Schottky Diodes:** Used for rectification and to prevent back-flow of current. * **Filtering Capacitors:** Internal ceramic or tantalum capacitors to reduce output ripple and noise. * **Transformer/Charge Pump:** Since it produces ±12V from a single input, it uses internal magnetic components or charge pump circuitry to generate the dual polarity rails. --- ### 3. Pin Configuration and Functions The module typically features a multi-pin layout (often 10 or 12 pins). Below is a general representation of the pinout: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | +Vin | Positive Input Voltage | | **2** | Input GND | Common ground for input | | **3** | Output GND | Common ground for outputs | | **4** | +5V Out | Main regulated 5V supply | | **5** | +12V Out | Auxiliary positive 12V supply | | **6** | -12V Out | Auxiliary negative 12V supply | | **7** | Reset/Inhibit | Control pin to enable/disable the module | --- ### 4. Common Applications Because it provides the most common logic voltage (5V) and the standard operational amplifier voltages (+12V/-12V), it is used in: 1. **Industrial Controls:** Powering PLCs and sensor interfaces. 2. **Analog Circuits:** Providing clean dual-rail power for Op-Amps. 3. **Legacy Computing:** Powering systems that require RS-232 communication (which often needs +/- 12V). 4. **Telecommunications:** Distributed power architectures. --- ### 5. Usage Considerations * **Heat Dissipation:** While efficient, the module can get warm under full load. Proper airflow or a small heatsink (if the casing allows) is recommended. * **Filtering:** Although it has internal capacitors, adding external electrolytic capacitors (e.g., 100µF) on the input and output lines is standard practice to further reduce EMI. * **Obsolescence:** The GS-R series is considered a legacy component. In modern designs, it is often replaced by discrete DC-DC converters or smaller high-density SMD modules from brands like Recom or Vicor.
    ✨ Follow-up Questions
    • ⤷ What are the modern alternatives to the GS-R51212S for new designs?
    • ⤷ How do I calculate the thermal dissipation requirements for this module?
    • ⤷ Can the +12V and -12V outputs be used independently of the 5V rail?