AI

The **GMA-3-R** is a specific type of high-performance, sub-miniature **fast-acting fuse** commonly used in electronic circuits to protect sensitive components from overcurrent conditions. It belongs to the GMA series, typically manufactured by brands like Eaton (Bussmann) or Littelfuse.
Below is a detailed breakdown of its electronic specifications and characteristics.
---
### 1. Technical Specifications
The "GMA-3-R" designation follows a standardized naming convention where the "3" represents the amperage and the "R" signifies RoHS compliance.
| Feature | Specification |
| :--- | :--- |
| **Current Rating** | 3 Amperes (3A) |
| **Voltage Rating** | 250V AC (Standard) |
| **Response Speed** | Fast-Acting (F) |
| **Body Material** | Glass Tube |
| **Dimensions** | 5mm x 20mm |
| **Interrupt Rating** | 100A at 250Vac / 10kA at 125Vac |
| **Termination Style** | Cartridge (Ferrule) |
---
### 2. Core Electronic Components
While a fuse appears simple, the GMA-3-R is engineered with specific materials to ensure precise failure points:
* **The Element:** A thin wire or metallic strip (usually silver-plated copper or alloy) designed to melt when the current exceeds 3A. Because it is "Fast-Acting," it lacks the thermal mass found in "Slow-Blow" fuses, allowing it to pop almost instantly.
* **The Housing:** A clear glass cylinder. This allows for visual inspection to see if the internal element has burned out.
* **End Caps:** Nickel-plated brass caps that provide high conductivity and corrosion resistance for the electrical contact points.
---
### 3. Operating Principle
The GMA-3-R operates on the principle of **Joule Heating** ($P = I^2R$).
1. **Normal State:** The element has very low resistance, allowing current to pass with minimal heat generation.
2. **Overload State:** If the current rises significantly above 3A, the heat generated exceeds the element's melting point.
3. **Circuit Break:** The wire melts and creates an air gap (arc), stopping the flow of electricity to protect downstream components like ICs, transformers, or transistors.
---
### 4. Common Applications
Due to its small form factor ($5 \times 20$mm) and fast response time, the GMA-3-R is found in:
* **Power Supplies:** Protecting the input stage of AC/DC adapters.
* **Consumer Electronics:** Televisions, audio amplifiers, and chargers.
* **Test Equipment:** Multimeters and oscilloscopes.
* **Industrial Controls:** Small control circuits where instant disconnection is required during a short circuit.
---
### 5. Identification Code Breakdown
`GMA` - `3` - `R`
* **GMA:** Series prefix (5x20mm Glass, Fast-acting).
* **3:** Rated current in Amperes.
* **R:** RoHS Compliant (Lead-free construction).
- ⤷
What is the main difference between a GMA (fast-acting) and a GDC (time-delay) fuse?
- ⤷ Can I replace a 250V GMA-3-R fuse with a 125V version in a 220V circuit?
- ⤷ How do I test if a GMA-3-R fuse is blown using a digital multimeter?