Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • G6W-1F-R

  • AI
    ## Overview of the G6W-1F-R Relay The **G6W-1F-R** is a high-frequency, surface-mount (SMT) relay manufactured by **Omron Electronic Components**. It is specifically designed for high-frequency signal switching, particularly in telecommunications and test equipment, capable of handling signals up to **2.6 GHz**. --- ### Key Specifications | Parameter | Specification | | :--- | :--- | | **Contact Form** | SPDT (1 Form C) | | **Switching Frequency** | Up to 2.6 GHz | | **Coil Voltage** | Typically 3V, 4.5V, 9V, 12V, or 24V DC | | **Characteristic Impedance** | 75 $\Omega$ | | **Insertion Loss** | 0.2 dB max at 900 MHz | | **Isolation** | 60 dB min at 900 MHz | | **Mounting Type** | Surface Mount (SMT) | | **Terminal Shape** | L-terminal (Standard) | --- ### Technical Features #### 1. High-Frequency Performance The G6W series is engineered to minimize signal loss and interference. At 2.6 GHz, it maintains excellent isolation and low insertion loss, which is critical for maintaining signal integrity in RF (Radio Frequency) circuits. #### 2. E-shape Terminal Structure The internal design utilizes a specific "E-shape" terminal arrangement. This configuration helps in: * Reducing crosstalk between contacts. * Improving high-frequency characteristics by optimizing the signal path. #### 3. Power Consumption This relay is highly efficient. It features a sensitive coil that requires approximately **200 mW** of power to operate, making it suitable for battery-operated or power-sensitive devices. #### 4. Environmentally Friendly The G6W-1F-R is compliant with **RoHS** standards and is constructed using materials that are lead-free and cadmium-free. --- ### Common Applications * **Telecommunications:** Switching between antennas or signal paths in base stations. * **Test & Measurement:** Used in automated test equipment (ATE) to route high-speed signals. * **Video Equipment:** Switching digital high-definition video signals (75 $\Omega$ systems). * **Wireless Communication:** Integrated into RF front-end modules. --- ### Example Schematic Symbol (Conceptual) ```text [ Coil ] +----()----+ | | (COM)---/ (NC) \ (NO) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 75 ohm and 50 ohm versions of RF relays?
    • ⤷ How does insertion loss affect signal quality in high-frequency circuits?
    • ⤷ Can the G6W-1F-R be used for power switching applications?