FVS-F0-R
AI

Based on your query, it appears you are referring to the **FVS-F0-R**, which is a high-speed fiber optic sensor amplifier unit commonly used in industrial automation for precision detection.
Below is a breakdown of its electronic components, technical specifications, and wiring structure.
---
### ## 1. Key Technical Specifications
The FVS-F0-R is designed for high-speed response and sensitivity. The electronics are housed in a compact DIN-rail mountable casing.
| Component / Feature | Specification |
| :--- | :--- |
| **Input Voltage** | 12 to 24V DC (±10%) |
| **Output Type** | NPN Open Collector (Red light model) |
| **Response Time** | High Speed: 50μs / Standard: 250μs |
| **Light Source** | Red LED (660 nm) |
| **Control Output** | Max 100mA (40V DC) |
| **Current Consumption** | 40mA or less |
---
### ## 2. Internal Electronic Structure
The device consists of several critical electronic sub-systems:
* **Emitter Circuit:** Drives a high-intensity Red LED to send light pulses through the fiber optic cable.
* **Receiver Circuit (Photodetector):** Uses a photodiode or phototransistor to convert incoming light from the fiber back into an electrical signal.
* **Signal Processing Chip:** An internal ASIC (Application-Specific Integrated Circuit) that handles the comparison between the received intensity and the "Threshold" value.
* **Output Transistor:** An NPN transistor that acts as a switch, pulling the output line to the ground (0V) when the detection condition is met.
---
### ## 3. Wiring and Pinout (Electronic Interface)
The FVS-F0-R typically uses a 3-wire or 4-wire configuration.
```markdown
1. Brown Wire : +V (12-24V DC Power Supply)
2. Blue Wire : 0V (GND)
3. Black Wire : Control Output (NPN)
4. Pink Wire : External Input / Remote Teach (depending on specific sub-model)
```
### ## 4. Operational Modes
The electronics allow for two primary switching logics:
1. **Light-ON (L-ON):** The output transistor conducts when the receiver detects light.
2. **Dark-ON (D-ON):** The output transistor conducts when the light path is broken (receiver is dark).
---
### ## 5. Circuit Protection
To ensure industrial reliability, the internal electronics include:
* **Reverse Polarity Protection:** Prevents damage if the power wires are swapped.
* **Short-circuit Protection:** Protects the NPN output transistor if the load is shorted.
* **Mutual Interference Prevention:** Allows multiple FVS units to be mounted side-by-side without their light pulses confusing each other.
- ⤷How do I calibrate the sensitivity threshold on the FVS-F0-R?
- ⤷ What is the difference between NPN and PNP output in fiber optic sensors?
- ⤷ Which fiber optic cables are compatible with the FVS series?