Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • FVF-EC-R

  • AI
    The **FVF-EC-R** refers to a specific series of high-performance centrifugal fans, typically part of the **FVF series** featuring **EC (Electronically Commutated)** technology. These fans are commonly used in industrial ventilation, precision cooling, and HVAC systems due to their superior energy efficiency and controllable speed. --- ### 1. Key Electronic Components The electronic architecture of an FVF-EC-R fan replaces traditional AC motor components with integrated power electronics. | Component | Function | | :--- | :--- | | **EC Motor (BLDC)** | A brushless DC motor that uses permanent magnets instead of copper windings on the rotor, reducing heat loss. | | **Integrated Inverter** | Converts the incoming AC power source into a DC voltage and then into a high-frequency pulse-width modulated (PWM) signal. | | **Hall Effect Sensors** | Detects the rotor position to ensure precise timing for the electronic commutation. | | **Control PCB** | The "brain" that processes input signals (0-10V or PWM) to adjust motor speed and torque. | | **EMC Filter** | Reduces electromagnetic interference to ensure the device complies with electronic noise regulations. | --- ### 2. Technical Specifications (Typical) While specific models vary, the "EC-R" designation usually implies the following electronic characteristics: * **Input Voltage:** Typically Universal AC (200V - 277V) or 380V-480V for 3-phase models. * **Control Interface:** * **0-10V DC Input:** Linear speed control. * **PWM Signal:** Digital pulse control. * **RS485 / Modbus:** For digital networking and remote monitoring (common in "Smart" versions). * **Output Signal:** Often includes a "Tach" (Tachometer) output or an "Alarm Relay" to signal motor failure or obstruction. --- ### 3. Electronic Advantages of the FVF-EC-R 1. **Variable Speed Control:** Unlike standard AC fans that require external VFDs (Variable Frequency Drives), the FVF-EC-R has the drive built-in, allowing for seamless speed adjustment from 0% to 100%. 2. **Efficiency:** EC electronics reduce energy consumption by up to 30-50% compared to traditional AC motors, as they do not suffer from slip losses. 3. **Soft Start:** The electronics gradually ramp up the motor speed, preventing high "inrush currents" that can trip circuit breakers or stress the power grid. 4. **Integrated Protection:** The onboard electronics monitor for **Locked Rotor**, **Over-temperature**, and **Under-voltage**, automatically shutting down the unit to prevent permanent damage. --- ### 4. Wiring Overview The electronic interface usually consists of two distinct wiring groups: | Wiring Group | Purpose | Wire Colors (Standard) | | :--- | :--- | :--- | | **Power Supply** | Main AC Mains (L, N, PE) | Brown, Blue, Green/Yellow | | **Control Leads** | Speed Control & Feedback | Red (+10V), Yellow (0-10V/PWM), White (Tach), Blue (GND) |
    ✨ Follow-up Questions
    • ⤷ What is the difference between an EC motor and a standard AC motor in terms of wiring?
    • ⤷ How do I troubleshoot an FVF-EC-R fan that is not spinning despite having power?
    • ⤷ Can these fans be integrated into a Modbus BMS system?