Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • FVF-CC-R/

  • AI
    Based on the technical nomenclature commonly used in industrial automation (particularly regarding **Fuji Electric** or similar power electronics manufacturers), the code **FVF-CC-R** typically refers to an optional interface or accessory part for **Frequency Inverters (Variable Frequency Drives)**. Below is an explanation of the electronic components and functions associated with this part. --- ## 1. Component Identification The "FVF-CC-R" is generally identified as a **CC-Link Communication Interface Card**. It is used to integrate a motor drive into a high-speed fieldbus network. | Component Part | Description | | :--- | :--- | | **Series Prefix (FVF)** | Often relates to the FRENIC-Mini or FRENIC-Multi drive series compatibility. | | **Communication Protocol (CC)** | Stands for **CC-Link**, a high-speed industrial network protocol. | | **Mounting Style (R)** | Indicates a specific revision or physical orientation (Rear/Remote mounting). | --- ## 2. Key Electronic Features The internal circuitry of this part consists of several critical layers to ensure data integrity and drive protection: ### A. Digital Controller (ASIC/MCU) The heart of the card is a dedicated CC-Link controller chip. This handles the encapsulation of drive data (frequency, current, torque) into the CC-Link protocol frames. ### B. Galvanic Isolation To protect the sensitive logic of the Inverter from industrial noise on the network cable, the card uses: * **Optocouplers:** To isolate signal paths. * **Isolated DC-DC Converters:** To ensure the network power doesn't interfere with the drive's internal 5V/24V rails. ### C. Interface Terminals The board features a specific terminal block (usually 5-pin) for the CC-Link cable: 1. **DA** (Data A) 2. **DB** (Data B) 3. **DG** (Data Ground) 4. **SLD** (Shield) 5. **NC/Terminator** (Connection for the 110Ω terminating resistor). --- ## 3. Technical Specifications | Feature | Specification | | :--- | :--- | | **Transmission Speed** | 156 kbps to 10 Mbps (selectable) | | **Station Type** | Remote Device Station | | **Occupied Stations** | Typically 1 station | | **Connection Method** | Plug-in terminal block | | **Ambient Temperature** | -10°C to +50°C | --- ## 4. Functionality in a System When this electronic part is installed into the drive, it replaces traditional hard-wired I/O with digital commands: * **Command Control:** Start, Stop, and Reverse commands are sent via the network. * **Frequency Setting:** The target speed is written to a specific buffer memory address. * **Monitoring:** Real-time feedback of output voltage, alarm codes, and energy consumption is sent back to the Master PLC. ---
    ✨ Follow-up Questions
    • ⤷How do I set the station address on the FVF-CC-R card?
    • ⤷ What is the maximum cable length supported for CC-Link communication?
    • ⤷ Is this card compatible with the FRENIC-Ace series?