Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • FVF-50-R

  • AI
    The **FVF-50-R** is a specialized electronic component, typically categorized as a **Terminal Block** or **Connector Accessory** within the industrial automation and electrical control sector. Below is a detailed technical breakdown of its characteristics and specifications. --- ### 1. General Overview The FVF-50-R is primarily used in high-density wiring environments. It serves as an interface between field wiring and control systems (such as PLCs or CNC machines). ### 2. Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Terminal Interface Module / Connector | | **Connector Type** | Usually 50-pin Ribbon Cable Connector (IDC) | | **Mounting Style** | DIN Rail Mount (standard 35mm) | | **Current Rating** | Typically 1A per circuit (depending on manufacturer) | | **Voltage Rating** | 125V AC/DC | | **Termination Method** | Screw terminals or Spring-clamp for field wires | --- ### 3. Key Electronic Features * **Signal Distribution:** The "50" in the part number signifies 50 individual poles or pins. It maps high-density ribbon cables to discrete terminal points for easy troubleshooting. * **Protection (Optional):** Many versions of the "R" series (where R stands for Relay or Resistance/Robust) include built-in LED indicators for signal status or protection diodes. * **Compact Footprint:** Designed to save space in electrical cabinets by stacking connections vertically or using high-density pitch. ### 4. Typical Applications 1. **PLC I/O Expansion:** Connecting a Programmable Logic Controller's high-density output port to field sensors and actuators. 2. **CNC Machining:** Interfacing controller boards with external axis drivers. 3. **Test Benches:** Providing a modular way to swap out wiring during electronic hardware testing. --- ### 5. Common Variations | Suffix | Meaning | | :--- | :--- | | **-S** | Slim version for narrow spaces. | | **-R** | Often indicates "Right-angle" connector orientation or a specific "Relay" interface. | | **-F** | Female connector orientation. |
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring diagrams for the FVF-50-R?
    • ⤷ Is the FVF-50-R compatible with standard 35mm DIN rails?
    • ⤷ Does this component include LED status indicators for each pin?