Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • FVF-4W1-R

  • AI
    The **FVF-4W1-R** is a specific electronic component typically identified as a **high-voltage, fast-recovery rectifier diode**. These components are critical in power management systems where rapid switching and high voltage tolerance are required. --- ### 1. Key Technical Specifications Below are the typical technical parameters for the FVF series of high-voltage diodes: | Parameter | Specification | | :--- | :--- | | **Component Type** | Fast Recovery Rectifier Diode | | **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 4,000V (4kV) | | **Average Forward Current ($I_{F(AV)}$)** | ~1.0A (Depending on cooling) | | **Reverse Recovery Time ($t_{rr}$)** | < 100 - 150 nanoseconds | | **Forward Voltage Drop ($V_F$)** | ~4.0V to 5.0V at rated current | | **Mounting Type** | Through-hole (Axial Lead) | --- ### 2. Functional Electronic Parts & Design The "FVF-4W1-R" is constructed using specific semiconductor architecture to handle high electrical stress: * **P-N Junction:** Specifically doped to maintain a high breakdown voltage ($4000V$) while allowing current to flow in one direction. * **Fast Recovery Silicon:** Unlike standard diodes (like the 1N4007), this uses "Fast Recovery" technology. This means it can transition from a "conducting" state to a "blocking" state very quickly, minimizing power loss during high-frequency switching. * **Encapsulation:** Usually housed in a flame-retardant epoxy resin package to prevent arcing and ensure insulation at high voltages. * **Lead Material:** Tin-plated copper leads for optimal solderability and low resistance. --- ### 3. Common Applications Due to its high voltage rating and fast response time, this part is commonly found in: 1. **Switch Mode Power Supplies (SMPS):** Used in the secondary rectification stage. 2. **CRT Displays/Monitors:** Part of the high-voltage flyback transformer circuits. 3. **X-Ray Power Sources:** Small-scale medical or industrial imaging equipment. 4. **Air Purifiers/Ionizers:** Used in the voltage multiplier circuits to generate static charges. 5. **Induction Heating:** To protect against high-voltage inductive spikes. --- ### 4. Circuit Symbol and Polarity In a schematic, it is represented by the standard diode symbol. * **Anode:** The side without the band. * **Cathode:** Indicated by a **color band** (usually white or silver) on the body of the diode. Current flows from Anode to Cathode. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a standard rectifier and a fast-recovery rectifier like the FVF-4W1-R?
    • ⤷ Can this diode be used in a bridge rectifier configuration for 220V AC input?
    • ⤷ What are the thermal considerations when mounting this diode in a high-voltage circuit?