Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • FTS-34-R/BL

  • AI
    The **FTS-34-R/BL** is a specialized electronic component, typically identified as a **high-precision, ultra-stable TCXO (Temperature Compensated Crystal Oscillator)** or a frequency timing module often used in telecommunications and synchronization hardware. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. General Specifications The FTS-34-R/BL is designed for applications requiring high stability over a wide temperature range, often serving as a reference clock for GPS-disciplined oscillators (GPSDO) or wireless base stations. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | TCXO / Frequency Standard | | **Output Frequency** | Usually 10.0 MHz (Standard) | | **Operating Voltage** | 3.3V or 5.0V DC | | **Package Style** | Through-hole or specialized modular mount | | **Stability** | ±0.28 ppm to ±1.0 ppm (varies by grade) | --- ### 2. Key Electronic Features The "R/BL" suffix generally denotes specific environmental or output characteristics: * **Temperature Compensation:** Unlike a standard crystal, this unit uses an internal compensation circuit to counteract frequency drift caused by ambient temperature changes. * **Low Phase Noise:** Engineered to minimize "jitter," ensuring that the timing signal remains crisp and reliable for high-speed data transmission. * **Aging Rate:** Designed for low long-term aging (e.g., < 1 ppm per year), which reduces the need for frequent recalibration. * **Output Waveform:** Usually provides a **CMOS** or **Clipped Sine Wave** output, making it compatible with most digital synthesizers and FPGA clock inputs. --- ### 3. Pin Configuration (Common Layout) While you should always consult the specific datasheet for your batch, these modules typically follow a standard 4-pin or 6-pin footprint: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | **V_c (Voltage Control)** | Allows for fine-tuning of the frequency via external voltage. | | 2 | **GND** | Ground connection. | | 3 | **Output** | The stabilized frequency signal. | | 4 | **V_cc** | Power supply input. | --- ### 4. Typical Applications * **Network Infrastructure:** Synchronization for LTE/5G small cells. * **Measurement Equipment:** Reference clocks for frequency counters and spectrum analyzers. * **SDR (Software Defined Radio):** Providing a stable LO (Local Oscillator) to prevent frequency offset during signal processing. --- ### 5. Schematic Example If integrating this into a PCB, a basic decoupling circuit is required: ```c // Basic Connection Logic [Power Supply 3.3V] ----+---- [Vcc Pin] | [0.1uF Capacitor] | [GND] ---- [GND Pin] [Microcontroller CLK In] <---- [Output Pin] ```
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency of your specific FTS-34-R/BL unit?
    • ⤷ Do you need the full pinout diagram for a specific PCB footprint?
    • ⤷ Are you looking for an equivalent replacement for this part?