Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • FSLM2520-R27J

  • AI
    ### Analysis of the FSLM2520-R27J Electronic Component The **FSLM2520-R27J** is a high-precision wire-wound chip inductor commonly used in radio frequency (RF) and signal processing circuits. It belongs to the 2520 (metric) or 1008 (imperial) size category. --- ### 1. Key Technical Specifications The specifications for this component are defined by its part number and manufacturing standards: | Parameter | Value / Specification | | :--- | :--- | | **Inductance** | 0.27 µH (270 nH) | | **Tolerance** | ±5% (indicated by 'J') | | **Package Size** | 2.5mm x 2.0mm (2520 Metric / 1008 Imperial) | | **Core Material** | Ferrite | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Typical Q Factor** | 30 (at test frequency) | | **Self-Resonant Frequency** | ~400 MHz to 500 MHz | | **DC Resistance (DCR)** | Low (typically < 0.50 Ω) | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying variants: * **FSLM**: Series name (Wire-wound Chip Inductor, typically by TDK or similar manufacturers). * **2520**: Dimensions in millimeters (2.5mm length x 2.0mm width). * **R27**: Inductance value. "R" acts as a decimal point. R27 = 0.27 µH. * **J**: Tolerance code. J represents ±5%. (K would be ±10%). --- ### 3. Applications and Usage This specific inductor is designed for high-frequency stability and efficiency. Common use cases include: 1. **Impedance Matching**: Used in RF front-ends to match the impedance between antennas and transceivers. 2. **Filtering**: Part of LC (Inductor-Capacitor) filters to suppress noise or select specific frequencies in telecommunications. 3. **Signal Conditioning**: Ensuring signal integrity in mobile phones, GPS modules, and Wi-Fi equipment. 4. **Decoupling**: Preventing high-frequency noise from passing through power supply lines to sensitive analog components. --- ### 4. Technical Features * **Wire-Wound Construction**: Provides a much higher Q-factor (quality factor) and lower DC resistance compared to multilayer inductors. * **Magnetic Shielding**: Usually minimal in this size, meaning placement should consider proximity to sensitive traces to avoid electromagnetic interference (EMI). * **Temperature Stability**: Ferrite cores offer stable inductance over a standard commercial/industrial temperature range (-40°C to +85°C).
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the FSLM and the MLG series inductors?
    • ⤷ How does the Q-factor affect the performance of this inductor in an RF circuit?
    • ⤷ Are there specific soldering profiles recommended for the 2520 package size?