Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • FRTS-B5-R/Q

  • AI
    The **FRTS-B5-R/Q** refers to a high-precision **Force Feedback Sensor** (often categorized as a 6-axis Force/Torque sensor) typically used in robotic assembly, surgical robotics, or precision haptic feedback systems. Below is an explanation of its core electronic components and technical specifications. --- ### 1. Key Electronic Specifications The "R/Q" suffix usually denotes specific output configurations (such as RS-485 or specialized Analog/Digital interfaces). | Feature | Specification Details | | :--- | :--- | | **Sensor Type** | Multi-axis Force/Torque Sensor (Strain Gauge based) | | **Input Voltage** | Typically 12V to 24V DC | | **Communication Interface** | RS-485, EtherCAT, or Analog (depending on exact sub-model) | | **A/D Resolution** | 16-bit to 24-bit internal processing | | **Sampling Rate** | Up to 1kHz - 4kHz for real-time feedback | | **Protection Class** | IP65 or higher (dust and water resistant) | --- ### 2. Internal Electronic Architecture The system consists of three primary electronic stages: #### A. The Transducer (Strain Gauges) * **The Bridge:** It utilizes high-sensitivity foil strain gauges arranged in a **Wheatstone Bridge** circuit. * **Deformation Detection:** As force is applied to the sensor body, the electrical resistance of the gauges changes proportionally to the mechanical strain. #### B. Signal Conditioning & Amplification * **Low-Noise Amps:** Because the raw output of strain gauges is in millivolts (mV), the internal electronics include low-noise instrumentation amplifiers to boost the signal. * **Temperature Compensation:** High-end sensors like the FRTS series include thermistors to monitor internal heat and electronically compensate for thermal drift in the readings. #### C. Digital Processing Unit (DSP/MCU) * **Decoupling Matrix:** Since it is a multi-axis sensor (Fx, Fy, Fz, Mx, My, Mz), the internal processor applies a "Decoupling Matrix" calculation to separate overlapping signals into distinct force/torque vectors. * **Filtering:** Digital low-pass filters are applied to remove high-frequency noise from robot motor vibrations. --- ### 3. Wiring and Pinout (General) While specific pinouts vary by the connector type (often M12 or Hirose), the wiring generally follows this logic: 1. **V+ / GND:** Main power supply. 2. **Data + / Data -:** Differential signals for RS-485 or CAN communication. 3. **Shield:** Connected to the sensor housing to prevent Electromagnetic Interference (EMI). --- ### 4. Typical Applications * **Precision Polishing:** Maintaining constant force against a surface. * **Haptic Teaching:** Allowing a human to lead a robot by hand (Lead-through programming). * **Product Testing:** Measuring the "click" force of buttons or the tension of springs.
    ✨ Follow-up Questions
    • ⤷ Does the FRTS-B5-R/Q support EtherCAT communication for real-time control?
    • ⤷ What is the maximum rated load capacity for the B5 model?
    • ⤷ How do I calibrate the zero-point of this sensor via software?