Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • FRTD-R-HC-L

  • AI
    Based on the part number **FRTD-R-HC-L**, this component typically refers to a **High-Current Resistance Temperature Detector (RTD) Sensor** or a related industrial controller interface, often used in precision thermal management systems (like those manufactured by companies like Watlow or specialized heating element providers). --- ## 🔍 Technical Specifications & Breakdown The alphanumeric code describes the specific electronic characteristics of the device: | Segment | Meaning | Electronic Significance | | :--- | :--- | :--- | | **FRTD** | Flex RTD / Flexible Sensor | Indicates a thin-film or flexible Platinum resistance element. | | **R** | Resistance Type | Typically denotes a 100-ohm Platinum (Pt100) standard. | | **HC** | High Current | Designed for higher electrical loads or high-power thermal environments. | | **L** | Lead Wire Length | Specifies the length of the integrated electrical connection wires. | --- ## 🛠️ Electronic Components & Construction The internal electronics of this part are designed for accuracy and durability under thermal stress: ### 1. The Sensing Element The heart of the FRTD is a **Platinum (Pt) thin-film resistor**. * **Operating Principle:** As temperature increases, the electrical resistance of the platinum increases linearly. * **Accuracy:** Usually follows the IEC 751 Class A or B standards for precision. ### 2. The Circuit Configuration These units typically utilize a **3-wire or 4-wire configuration**: * **3-Wire:** Includes a compensation lead to cancel out lead wire resistance, improving accuracy over distance. * **4-Wire:** The most precise method, eliminating lead resistance entirely from the measurement. ### 3. "HC" (High Current) Considerations In standard RTDs, "Self-Heating" is a problem where the measuring current warms the sensor and ruins the reading. The **HC** designation implies: * **Enhanced Heat Dissipation:** Materials that allow the sensor to handle higher excitation currents without significant self-heating errors. * **Robust Insulation:** Kapton or Silicone laminates that maintain dielectric strength at high temperatures. --- ## ⚡ Typical Operating Parameters | Parameter | Common Value | | :--- | :--- | | **Base Resistance** | 100 $\Omega$ at 0°C | | **Temperature Coefficient ($\alpha$)** | 0.00385 $\Omega$/$\Omega$/°C | | **Insulation Resistance** | >100 M$\Omega$ at 500VDC | | **Response Time** | <0.5 seconds (in moving water) | --- ## 📋 Applications * **Semiconductor Processing:** Monitoring heat sink temperatures. * **Battery Management:** High-current sensing in EV battery packs. * **Medical Equipment:** Precise thermal control in diagnostic devices.
    ✨ Follow-up Questions
    • ⤷ What is the maximum temperature range for the FRTD-R-HC-L model?
    • ⤷ How do I wire this sensor to a standard PID controller?
    • ⤷ What is the difference between this 'HC' version and a standard RTD?