Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • FRT-GA-R/

  • AI
    Based on your inquiry, the **FRT-GA-R** refers to a high-precision, low-torque rotary damper, typically manufactured by companies like **Fuji Latex**. These components are widely used in electronics and precision machinery to control motion and provide a "premium" feel to opening/closing mechanisms. --- ### 1. Technical Specifications The "R" suffix usually denotes the direction of torque (Right/Clockwise) or a specific mounting orientation. | Parameter | Description | | :--- | :--- | | **Component Type** | Rotary Damper (Fluid-based) | | **Material** | Polycarbonate (Body), Polyacetal (Rotor) | | **Damping Fluid** | Silicone Oil | | **Torque Range** | Typically 0.2 to 1.0 N·cm (model specific) | | **Rotation Angle** | 360° (Continuous rotation) | | **Operating Temp** | -10°C to +50°C | --- ### 2. Electronic Applications While the part itself is mechanical, it is an essential component in the assembly of consumer electronics. It is used to protect sensitive electronic internal components from impact and vibration. * **CD/DVD/Blu-ray Trays:** Ensures the motorized tray opens smoothly without jarring the optical laser assembly. * **Control Panels:** Used in flip-down panels on printers, car stereos, or high-end kitchen appliances. * **Soft-Close Lids:** Found in laptop hinges or smart-home devices where a lid must close silently to avoid mechanical stress on sensors. --- ### 3. Internal Mechanism The device operates on the principle of **viscous shear stress**. 1. **Rotor:** A plastic vane or gear rotates within the housing. 2. **Fluid:** The housing is filled with high-viscosity silicone oil. 3. **Resistance:** As the gear turns, the oil resists the motion. This resistance converts kinetic energy into thermal energy, slowing the movement. --- ### 4. Part Number Breakdown (Typical) | Code | Meaning | | :--- | :--- | | **FRT** | Fuji Rotary Torque (Series) | | **GA** | Model/Size Identifier | | **R** | Direction of Resistance (Clockwise) | ---
    ✨ Follow-up Questions
    • ⤷ What are the specific torque ratings available for the GA series?
    • ⤷ How does the temperature affect the damping performance of the silicone oil?
    • ⤷ Can the FRT-GA-R be used in bidirectional damping applications?